Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 44Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 45Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 46Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 47Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 48Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 49Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 50Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 51Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 848 page
background image
1. Overview
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 12 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Table 1.13
Product List for R8C/L3AA Group
(D): Under development
Figure 1.7
Correspondence of Part No., with Memory Size and Package of R8C/L3AA Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L3A7ANFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0100KB-A
N Version
R5F2L3A7ANFA
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PRQP0100JD-B
R5F2L3A8ANFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0100KB-A
R5F2L3A8ANFA
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PRQP0100JD-B
R5F2L3AAANFP (D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0100KB-A
R5F2L3AAANFA
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PRQP0100JD-B
R5F2L3ACANFP (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0100KB-A
R5F2L3ACANFA (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PRQP0100JD-B
R5F2L3A7ADFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0100KB-A
D Version
R5F2L3A7ADFA
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PRQP0100JD-B
R5F2L3A8ADFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0100KB-A
R5F2L3A8ADFA
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PRQP0100JD-B
R5F2L3AAADFP (D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0100KB-A
R5F2L3AAADFA
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PRQP0100JD-B
R5F2L3ACADFP (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0100KB-A
R5F2L3ACADFA (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PRQP0100JD-B
Current of Jul 2008
Part No. R 5 F 2L 3A C A N FP
Package type:
FP: LQFP (0.50 mm pin pitch)
FA: LQFP (0.65 mm pin pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L3AA Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com