Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 80Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 81Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 82Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 83Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 84Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 85Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 86Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 87Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 48 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.
Resets
The following resets are available: hardware reset, power-on reset, voltage monitor 0 reset, watchdog timer reset, and
software reset.
Table 5.1 lists the Reset Names and Sources and Figure 5.1 shows the Reset Circuit Block Diagram.
Figure 5.1
Reset Circuit Block Diagram
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
The input voltage to the RESET pin is held low.
Power-on reset
VCC rises.
Voltage monitor 0 reset
VCC falls. (Monitor voltage: Vdet0)
Watchdog timer reset
Underflow of the watchdog timer
Software reset
Write 1 to the PM03 bit in the PM0 register.
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
Pins, CPU, and SFRs (1)
VCC
Hardware reset
Power-on reset
Voltage monitor 0 reset
Watchdog timer
reset
Software reset
Note:
1. The CWR bit in the RSTFR register is set to 0 (cold start-up) after power-on, voltage monitor 0 reset, or
exit from power-off mode. This bit remains unchanged at a software reset, watchdog timer reset, or
oscillation detection reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com