Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 28Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 29Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 30Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 31Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 32Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 33Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 34Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 35Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 848 page
background image
B - 5
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh
01E0h
Port P0 Pull-Up Control Register
P0PUR
99
01E1h
Port P1 Pull-Up Control Register
P1PUR
99
01E2h
Port P2 Pull-Up Control Register
P2PUR
99
01E3h
Port P3 Pull-Up Control Register
P3PUR
99
01E4h
Port P4 Pull-Up Control Register
P4PUR
99
01E5h
Port P5 Pull-Up Control Register
P5PUR
99
01E6h
Port P6 Pull-Up Control Register
P6PUR
99
01E7h
Port P7 Pull-Up Control Register
P7PUR
99
01E8h
01E9h
01EAh
Port P10 Pull-Up Control Register
P10PUR
100
01EBh
Port P11 Pull-Up Control Register
P11PUR
100
01ECh
Port P12 Pull-Up Control Register
P12PUR
100
01EDh
Port P13 Pull-Up Control Register
P13PUR
100
01EEh
01EFh
01F0h
Port P10 Drive Capacity Control Register
P10DRR
100
01F1h
Port P11 Drive Capacity Control Register
P11DRR
101
01F2h
01F3h
01F4h
01F5h
Input Threshold Control Register 0
VLT0
101
01F6h
Input Threshold Control Register 1
VLT1
102
01F7h
Input Threshold Control Register 2
VLT2
103
01F8h
Comparator B Control Register 0
INTCMP
686
01F9h
01FAh
External Input Enable Register 0
INTEN
186, 686
01FBh
External Input Enable Register 1
INTEN1
187
01FCh
INT Input Filter Select Register 0
INTF
188, 687
01FDh
INT Input Filter Select Register 1
INTF1
188
01FEh
Key Input Enable Register 0
KIEN
193
01FFh
Key Input Enable Register 1
KIEN1
194
Address
Register
Symbol
Page
0200h
LCD Control Register
LCR0
694
0201h
LCD Bias Control Register
LCR1
695
0202h
LCD Display Control Register
LCR2
696
0203h
LCD Clock Control Register
LCR3
696
0204h
0205h
0206h
LCD Port Select Register 0
LSE0
697
0207h
LCD Port Select Register 1
LSE1
697
0208h
LCD Port Select Register 2
LSE2
698
0209h
LCD Port Select Register 3
LSE3
698
020Ah
LCD Port Select Register 4
LSE4
699
020Bh
LCD Port Select Register 5
LSE5
699
020Ch
LCD Port Select Register 6
LSE6
700
020Dh
LCD Port Select Register 7
LSE7
700
020Eh
020Fh
0210h
LCD Display Data Register
LRA0L
701
0211h
LRA1L
701
0212h
LRA2L
701
0213h
LRA3L
701
0214h
LRA4L
701
0215h
LRA5L
701
0216h
LRA6L
701
0217h
LRA7L
701
0218h
LRA8L
701
0219h
LRA9L
701
021Ah
LRA10L
701
021Bh
LRA11L
701
021Ch
LRA12L
701
021Dh
LRA13L
701
021Eh
LRA14L
701
021Fh
LRA15L
701
0220h
LRA16L
701
0221h
LRA17L
701
0222h
LRA18L
701
0223h
LRA19L
701
0224h
LRA20L
701
0225h
LRA21L
701
0226h
LRA22L
701
0227h
LRA23L
701
0228h
LRA24L
701
0229h
LRA25L
701
022Ah
LRA26L
701
022Bh
LRA27L
701
022Ch
LRA28L
701
022Dh
LRA29L
701
022Eh
LRA30L
701
022Fh
LRA31L
701
0230h
LRA32L
701
0231h
LRA33L
701
0232h
LRA34L
701
0233h
LRA35L
701
0234h
LRA36L
701
0235h
LRA37L
701
0236h
LRA38L
701
0237h
LRA39L
701
0238h
LRA40L
701
0239h
LRA41L
701
023Ah
LRA42L
701
023Bh
LRA43L
701
023Ch
LRA44L
701
023Dh
LRA45L
701
023Eh
LRA46L
701
023Fh
LRA47L
701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com