Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 27Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 28Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 29Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 30Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 31Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 32Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 33Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 34Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 848 page
background image
B - 4
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0160h
UART1 Transmit/Receive Mode Register
U1MR
496
0161h
UART1 Bit Rate Register
U1BRG
496
0162h
UART1 Transmit Buffer Register
U1TB
497
0163h
0164h
UART1 Transmit/Receive Control Register 0
U1C0
498
0165h
UART1 Transmit/Receive Control Register 1
U1C1
498
0166h
UART1 Receive Buffer Register
U1RB
499
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
Timer RG Mode Register
TRGMR
463
0171h
Timer RG Count Control Register
TRGCNTC
464
0172h
Timer RG Control Register
TRGCR
465, 489
0173h
Timer RG Interrupt Enable Register
TRGIER
466
0174h
Timer RG Status Register
TRGSR
467
0175h
Timer RG I/O Control Register
TRGIOR
468, 477,
481
0176h
Timer RG Counter
TRG
469
0177h
0178h
Timer RG General Register A
TRGGRA
470
0179h
017Ah
Timer RG General Register B
TRGGRB
470
017Bh
017Ch
Timer RG General Register C
TRGGRC
470
017Dh
017Eh
Timer RG General Register D
TRGGRD
470
017Fh
0180h
Timer RA Pin Select Register
TRASR
87, 243
0181h
Timer RB/RC Pin Select Register
TRBRCSR
88, 261, 288
0182h
Timer RC Pin Select Register 0
TRCPSR0
89, 289
0183h
Timer RC Pin Select Register 1
TRCPSR1
90, 290
0184h
Timer RD Pin Select Register 0
TRDPSR0
91, 345, 364,
382, 398,
414, 432
0185h
Timer RD Pin Select Register 1
TRDPSR1
92, 346, 365,
383, 399,
415, 433
0186h
0187h
Timer RG Pin Select Register
TRGPSR
93
0188h
UART0 Pin Select Register
U0SR
93, 500
0189h
UART1 Pin Select Register
U1SR
94, 501
018Ah
UART2 Pin Select Register 0
U2SR0
95, 525
018Bh
UART2 Pin Select Register 1
U2SR1
96, 526
018Ch
SSU/IIC Pin Select Register
SSUIICSR
97, 566, 597
018Dh
Key Input Pin Select Register
KISR
98, 192
018Eh
INT Interrupt Input Pin Select Register
INTSR
99, 185
018Fh
Address
Register
Symbol
Page
0190h
0191h
0192h
0193h
SS Bit Counter Register
SSBR
567
0194h
SS Transmit Data Register L / IIC bus
Transmit Data Register
SSTDR/
ICDRT
567, 598
0195h
SS Transmit Data Register H
SSTDRH
567
0196h
SS Receive Data Register L / IIC bus Receive
Data Register
SSRDR/
ICDRR
568, 598
0197h
SS Receive Data Register H
SSRDRH
568
0198h
SS Control Register H / IIC bus Control
Register 1
SSCRH /
ICCR1
568, 599
0199h
SS Control Register L / IIC bus Control Register
2
SSCRL /
ICCR2
569, 600
019Ah
SS Mode Register / IIC bus Mode Register
SSMR /
ICMR
570, 601
019Bh
SS Enable Register / IIC bus Interrupt Enable
Register
SSER /
ICIER
571, 602
019Ch
SS Status Register / IIC bus Status Register
SSSR / ICSR
572, 603
019Dh
SS Mode Register 2 / Slave Address Register
SSMR2 /
SAR
573, 604
019Eh
019Fh
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
Flash Memory Status Register
FST
726
01B3h
01B4h
Flash Memory Control Register 0
FMR0
728
01B5h
Flash Memory Control Register 1
FMR1
730
01B6h
Flash Memory Control Register 2
FMR2
732
01B7h
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh
01C0h
Address Match Interrupt Register 0
RMAD0
196
01C1h
01C2h
01C3h
Address Match Interrupt Enable Register 0
AIER0
196
01C4h
Address Match Interrupt Register 1
RMAD1
196
01C5h
01C6h
01C7h
Address Match Interrupt Enable Register 1
AIER1
196
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com