Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 63Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 64Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 65Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 66Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 67Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 68Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 70Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 848 page
background image
3. Memory
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 31 of 809
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
3.
Memory
Figure 3.1 is a Memory Map of each group. Each group has a 1-Mbyte address space from addresses 00000h to
FFFFFh. The internal ROM (program ROM) is allocated lower addresses, beginning with address 0FFFFh. For
example, a 48-Kbyte internal ROM area is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 03FFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 6-Kbyte internal
RAM area is allocated addresses 00400h to 01BFFh. The internal RAM is used not only for data storage but also as a
stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh. Peripheral
function control registers are allocated here. All unallocated spaces within the SFRs are reserved and cannot be
accessed by users.
Figure 3.1
Memory Map
0FFFFh
0FFDCh
Notes:
1. Data flash indicates block A (1 Kbyte), block B (1 Kbyte),
block C (1 Kbyte), and block D (1 Kbyte).
2. Blank spaces are reserved. No access is allowed.
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
02FFFh
02C00h
SFR
(Refer to 4. Special Function
Registers (SFRs))
ZZZZZh
Internal ROM
(program ROM)
03FFFh
03000h
Internal ROM
(data flash) (1)
0FFD8h
Reserved area
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset
Part Number
Internal ROM
Internal RAM
Capacity
Address
0YYYYh
Capacity
Address
0XXXXh
Address
ZZZZZh
48 Kbytes
04000h
−
6 Kbytes
01BFFh
64 Kbytes
04000h
13FFFh
8 Kbytes
023FFh
96 Kbytes
04000h
1BFFFh
10 Kbytes
02BFFh
128 Kbytes
04000h
23FFFh
10 Kbytes
02BFFh
R5F2L357A***, R5F2L367A***, R5F2L387A***, R5F2L3A7A***
R5F2L358A***, R5F2L368A***, R5F2L388A***, R5F2L3A8A***
R5F2L35AA***, R5F2L36AA***, R5F2L38AA***, R5F2L3AAA***
R5F2L35CA***, R5F2L36CA***, R5F2L38CA***, R5F2L3ACA***
48 Kbytes
04000h
−
6 Kbytes
01BFFh
64 Kbytes
04000h
13FFFh
8 Kbytes
023FFh
96 Kbytes
04000h
1BFFFh
10 Kbytes
02BFFh
128 Kbytes
04000h
23FFFh
10 Kbytes
02BFFh
R5F2L357B***, R5F2L367B***, R5F2L387B***, R5F2L3A7B***
R5F2L358B***, R5F2L368B***, R5F2L388B***, R5F2L3A8B***
R5F2L35AB***, R5F2L36AB***, R5F2L38AB***, R5F2L3AAB***
R5F2L35CB***, R5F2L36CB***, R5F2L38CB***, R5F2L3ACB***
Available
Data Flash
Not
available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com