Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 24Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 25Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 26Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 27Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 28Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 29Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 30Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 31Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 848 page
background image
B - 1
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
51
0005h
Processor Mode Register 1
PM1
212
0006h
System Clock Control Register 0
CM0
129, 146
0007h
System Clock Control Register 1
CM1
130, 147
0008h
Module Standby Control Register
MSTCR
280, 335,
351, 372,
389, 404,
421, 565,
597
0009h
System Clock Control Register 3
CM3
131, 148
000Ah
Protect Register
PRCR
168
000Bh
Reset Source Determination Register
RSTFR
51
000Ch
Oscillation Stop Detection Register
OCD
132, 149
000Dh
Watchdog Timer Reset Register
WDTR
212
000Eh
Watchdog Timer Start Register
WDTS
212
000Fh
Watchdog Timer Control Register
WDTC
213
0010h
0011h
0012h
0013h
0014h
0015h
High-Speed On-Chip Oscillator Control Register 7 FRA7
132
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
213
001Dh
001Eh
001Fh
0020h
Power-Off Mode Control Register 0
POMCR0
152
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0 FRA0
133, 150
0024h
High-Speed On-Chip Oscillator Control Register 1 FRA1
133
0025h
High-Speed On-Chip Oscillator Control Register 2 FRA2
134
0026h
On-Chip Reference Voltage Control Register
OCVREFCR
644
0027h
0028h
0029h
High-Speed On-Chip Oscillator Control Register 4 FRA4
135
002Ah
High-Speed On-Chip Oscillator Control Register 5 FRA5
135
002Bh
High-Speed On-Chip Oscillator Control Register 6 FRA6
135
002Ch
002Dh
002Eh
002Fh
High-Speed On-Chip Oscillator Control Register 3 FRA3
135
0030h
Voltage Monitor Circuit/Comparator A Control
Register
CMPA
64, 671
0031h
Voltage Monitor Circuit Edge Select Register
VCAC
65, 672
0032h
0033h
Voltage Detect Register 1
VCA1
65, 672
0034h
Voltage Detect Register 2
VCA2
66, 151,
673
0035h
0036h
Voltage Detection 1 Level Select Register
VD1LS
67
0037h
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
68
0039h
Voltage Monitor 1 Circuit Control Register
VW1C
69, 674
003Ah
Voltage Monitor 2 Circuit Control Register
VW2C
70, 675
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
Flash Memory Ready Interrupt Control Register
FMRDYIC
175
0042h
0043h
INT7 Interrupt Control Register
INT7IC
176
0044h
INT6 Interrupt Control Register
INT6IC
176
0045h
INT5 Interrupt Control Register
INT5IC
176
0046h
INT4 Interrupt Control Register
INT4IC
176
0047h
Timer RC Interrupt Control Register
TRCIC
175
0048h
Timer RD0 Interrupt Control Register
TRD0IC
175
0049h
Timer RD1 Interrupt Control Register
TRD1IC
175
004Ah
Timer RE Interrupt Control Register
TREIC
174
004Bh
UART2 Transmit Interrupt Control Register
S2TIC
174
004Ch
UART2 Receive Interrupt Control Register
S2RIC
174
004Dh
Key Input Interrupt Control Register
KUPIC
174
004Eh
A/D Conversion Interrupt Control Register
ADIC
174
004Fh
SSU Interrupt Control Register / IIC bus Interrupt
Control Register
SSUIC/IICIC
175
0050h
0051h
UART0 Transmit Interrupt Control Register
S0TIC
174
0052h
UART0 Receive Interrupt Control Register
S0RIC
174
0053h
UART1 Transmit Interrupt Control Register
S1TIC
174
0054h
UART1 Receive Interrupt Control Register
S1RIC
174
0055h
INT2 Interrupt Control Register
INT2IC
176
0056h
Timer RA Interrupt Control Register
TRAIC
174
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
174
0059h
INT1 Interrupt Control Register
INT1IC
176
005Ah
INT3 Interrupt Control Register
INT3IC
176
005Bh
005Ch
005Dh
INT0 Interrupt Control Register
INT0IC
176
005Eh
UART2 Bus Collision Detection Interrupt Control
Register
U2BCNIC
174
005Fh
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
Timer RG Interrupt Control Register
TRGIC
175
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
Voltage Monitor 1 / Comparator A1 Interrupt
Control Register
VCMP1IC
174
0073h
Voltage Monitor 2 / Comparator A2 Interrupt
Control Register
VCMP2IC
174
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com