Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 91Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 92Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 93Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 94Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 95Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 96Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 97Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 98Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 59 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.7
Cold Start-Up/Warm Start-Up Determination Function
The cold start-up/warm start-up determination function uses the CWR bit in the RSTFR register to determine cold
start-up (reset process) at power-on and warm start-up (reset process) when a reset occurred during operation.
The CWR bit is set to 0 (cold start-up) at power-on and also set to 0 at a voltage monitor 0 reset or an exit from
power-off mode. When 1 is written to the CWR bit by a program, it is set to 1. This bit remains unchanged at a
hardware reset, software reset, or watchdog timer reset.
The cold start-up/warm stat-up determination function uses voltage monitor 0 reset.
To set the bits associated with voltage monitor 0 reset, follow Table 6.3 Procedure for Setting Bits Associated
with Voltage Monitor 0 Reset.
Figure 5.8 shows an Operating Example of Cold Start-Up/Warm Start-Up Function
Figure 5.8
Operating Example of Cold Start-Up/Warm Start-Up Function
5.8
Reset Source Determination Function
The RSTFR register can be used to detect whether a hardware reset, software reset, or watchdog timer reset has
occurred.
If a hardware reset or an exit from power-off mode occurs, the HWR bit is set to 1 (detected).
If a software reset occurs, the SWR bit is set to 1 (detected).
If a watchdog timer reset occurs, the WDR bit is set to 1 (detected).
Set to 1 by
a program.
5V
Vdet0
CWR bit in RSTFR register
Voltage monitor 0 reset
VCC
Set to 1 by
a program.
0V
The above applies when the digital filter is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com