Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 70Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 71Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 72Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 73Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 74Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 75Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 76Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 848 page
background image
4. Special Function Registers (SFRs)
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 37 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Table 4.6
SFR Information (6) (1)
X: Undefined
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
After Reset
0140h
Timer RD Control Register 0
TRDCR0
00h
0141h
Timer RD I/O Control Register A0
TRDIORA0
10001000b
0142h
Timer RD I/O Control Register C0
TRDIORC0
10001000b
0143h
Timer RD Status Register 0
TRDSR0
11100000b
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
11100000b
0145h
Timer RD PWM Mode Output Level Control Register 0
TRDPOCR0
11111000b
0146h
Timer RD Counter 0
TRD0
00h
0147h
00h
0148h
Timer RD General Register A0
TRDGRA0
FFh
0149h
FFh
014Ah
Timer RD General Register B0
TRDGRB0
FFh
014Bh
FFh
014Ch
Timer RD General Register C0
TRDGRC0
FFh
014Dh
FFh
014Eh
Timer RD General Register D0
TRDGRD0
FFh
014Fh
FFh
0150h
Timer RD Control Register 1
TRDCR1
00h
0151h
Timer RD I/O Control Register A1
TRDIORA1
10001000b
0152h
Timer RD I/O Control Register C1
TRDIORC1
10001000b
0153h
Timer RD Status Register 1
TRDSR1
11000000b
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
11100000b
0155h
Timer RD PWM Mode Output Level Control Register 1
TRDPOCR1
11111000b
0156h
Timer RD Counter 1
TRD1
00h
0157h
00h
0158h
Timer RD General Register A1
TRDGRA1
FFh
0159h
FFh
015Ah
Timer RD General Register B1
TRDGRB1
FFh
015Bh
FFh
015Ch
Timer RD General Register C1
TRDGRC1
FFh
015Dh
FFh
015Eh
Timer RD General Register D1
TRDGRD1
FFh
015Fh
FFh
0160h
UART1 Transmit/Receive Mode Register
U1MR
00h
0161h
UART1 Bit Rate Register
U1BRG
XXh
0162h
UART1 Transmit Buffer Register
U1TB
XXh
0163h
XXh
0164h
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
0165h
UART1 Transmit/Receive Control Register 1
U1C1
00000010b
0166h
UART1 Receive Buffer Register
U1RB
XXh
0167h
XXh
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
Timer RG Mode Register
TRGMR
01000000b
0171h
Timer RG Count Control Register
TRGCNTC
00h
0172h
Timer RG Control Register
TRGCR
10000000b
0173h
Timer RG Interrupt Enable Register
TRGIER
11110000b
0174h
Timer RG Status Register
TRGSR
11100000b
0175h
Timer RG I/O Control Register
TRGIOR
00h
0176h
Timer RG Counter
TRG
00h
0177h
00h
0178h
Timer RG General Register A
TRGGRA
FFh
0179h
FFh
017Ah
Timer RG General Register B
TRGGRB
FFh
017Bh
FFh
017Ch
Timer RG General Register C
TRGGRC
FFh
017Dh
FFh
017Eh
Timer RG General Register D
TRGGRD
FFh
017Fh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com