| Electronic Components Datasheet Search |
|
R5F2L3ACADFP Datasheet(PDF) 94 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACADFP Datasheet(HTML) 94 Page - Renesas Technology Corp |
|
94 / 848 page ![]() 5. Resets REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 58 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group 5.5 Watchdog Timer Reset When the PM12 bit in the PM1 register is set to 1 (reset when watchdog timer underflows), the MCU resets its pins, CPU, and SFRs when the watchdog timer underflows. Then the program beginning with the address indicated by the reset vector is executed. The low-speed on-chip oscillator clock with no division is automatically selected as the CPU clock after reset. Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after watchdog timer reset. The internal RAM is not reset. When the watchdog timer underflows, the contents of internal RAM are undefined. The underflow period and refresh acknowledge period for the watchdog timer can be set by bits WDTUFS0 and WDTUFS1 and bits WDTRCS0 and WDTRCS1 in the OFS2 register, respectively. Refer to 15. Watchdog Timer for details of the watchdog timer. 5.6 Software Reset When the PM03 bit in the PM0 register is set to 1 (MCU reset), the MCU resets its pins, CPU, and SFRs. The program beginning with the address indicated by the reset vector is executed. The low-speed on-chip oscillator clock with no division is automatically selected for the CPU clock after reset. Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after software reset. The internal RAM is not reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |