Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 73Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 74Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 75Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 76Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 77Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 78Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 79Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 80Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 848 page
background image
4. Special Function Registers (SFRs)
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 41 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Table 4.10
SFR Information (10) (1)
X: Undefined
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
After Reset
0240h
LCD Display Data Register
LRA48L
XXh
0241h
LRA49L
XXh
0242h
LRA50L
XXh
0243h
LRA51L
XXh
0244h
LRA52L
XXh
0245h
LRA53L
XXh
0246h
LRA54L
XXh
0247h
LRA55L
XXh
0248h
LRA56L
XXh
0249h
LRA57L
XXh
024Ah
LRA58L
XXh
024Bh
LRA59L
XXh
024Ch
LRA60L
XXh
024Dh
LRA61L
XXh
024Eh
LRA62L
XXh
024Fh
LRA63L
XXh
0250h
LRA64L
XXh
0251h
LRA65L
XXh
0252h
LRA66L
XXh
0253h
LRA67L
XXh
0254h
LRA68L
XXh
0255h
LRA69L
XXh
0256h
LRA70L
XXh
0257h
LRA71L
XXh
0258h
LRA72L
XXh
0259h
LRA73L
XXh
025Ah
LRA74L
XXh
025Bh
LRA75L
XXh
025Ch
LRA76L
XXh
025Dh
LRA77L
XXh
025Eh
LRA78L
XXh
025Fh
LRA79L
XXh
0260h
LRA80L
XXh
0261h
LRA81L
XXh
0262h
LRA82L
XXh
0263h
LRA83L
XXh
0264h
LRA84L
XXh
0265h
LRA85L
XXh
0266h
LRA86L
XXh
0267h
LRA87L
XXh
0268h
LRA88L
XXh
0269h
LRA89L
XXh
026Ah
LRA90L
XXh
026Bh
LRA91L
XXh
026Ch
LRA92L
XXh
026Dh
LRA93L
XXh
026Eh
LRA94L
XXh
026Fh
LRA95L
XXh
0270h
LCD Display Control Data Register
LRA0H
XXh
0271h
LRA1H
XXh
0272h
LRA2H
XXh
0273h
LRA3H
XXh
0274h
LRA4H
XXh
0275h
LRA5H
XXh
0276h
LRA6H
XXh
0277h
LRA7H
XXh
0278h
LRA8H
XXh
0279h
LRA9H
XXh
027Ah
LRA10H
XXh
027Bh
LRA11H
XXh
027Ch
LRA12H
XXh
027Dh
LRA13H
XXh
027Eh
LRA14H
XXh
027Fh
LRA15H
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com