Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 67Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 68Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 70Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 71Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 72Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 73Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 74Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 848 page
background image
4. Special Function Registers (SFRs)
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 35 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Table 4.4
SFR Information (4) (1)
X: Undefined
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
After Reset
00C0h
A/D Register 0
AD0
XXh
000000XXb
00C1h
00C2h
A/D Register 1
AD1
XXh
00C3h
000000XXb
00C4h
A/D Register 2
AD2
XXh
00C5h
000000XXb
00C6h
A/D Register 3
AD3
XXh
00C7h
000000XXb
00C8h
A/D Register 4
AD4
XXh
00C9h
000000XXb
00CAh
A/D Register 5
AD5
XXh
00CBh
000000XXb
00CCh
A/D Register 6
AD6
XXh
00CDh
000000XXb
00CEh
A/D Register 7
AD7
XXh
00CFh
000000XXb
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Mode Register
ADMOD
00h
00D5h
A/D Input Select Register
ADINSEL
11000000b
00D6h
A/D Control Register 0
ADCON0
00h
00D7h
A/D Control Register 1
ADCON1
00h
00D8h
D/A 0 Register
DA0
00h
00D9h
D/A 1 Register
DA1
00h
00DAh
00DBh
00DCh
D/A Control Register
DACON
00h
00DDh
00DEh
00DFh
00E0h
Port P0 Register
P0
XXh
00E1h
Port P1 Register
P1
XXh
00E2h
Port P0 Direction Register
PD0
00h
00E3h
Port P1 Direction Register
PD1
00h
00E4h
Port P2 Register
P2
XXh
00E5h
Port P3 Register
P3
XXh
00E6h
Port P2 Direction Register
PD2
00h
00E7h
Port P3 Direction Register
PD3
00h
00E8h
Port P4 Register
P4
XXh
00E9h
Port P5 Register
P5
XXh
00EAh
Port P4 Direction Register
PD4
00h
00EBh
Port P5 Direction Register
PD5
00h
00ECh
Port P6 Register
P6
XXh
00EDh
Port P7 Register
P7
XXh
00EEh
Port P6 Direction Register
PD6
00h
00EFh
Port P7 Direction Register
PD7
00h
00F0h
00F1h
00F2h
00F3h
00F4h
Port P10 Register
P10
XXh
00F5h
Port P11 Register
P11
XXh
00F6h
Port P10 Direction Register
PD10
00h
00F7h
Port P11 Direction Register
PD11
00h
00F8h
Port P12 Register
P12
XXh
00F9h
Port P13 Register
P13
XXh
00FAh
Port P12 Direction Register
PD12
00h
00FBh
Port P13 Direction Register
PD13
00h
00FCh
00FDh
00FEh
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com