Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 165Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 166Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 167Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 168Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 169Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 170Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 171Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 172Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 133 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.2.6
High-Speed On-Chip Oscillator Control Register 0 (FRA0)
Notes:
1. Change the FRA01 bit under the following conditions.
• FRA00 = 1 (high-speed on-chip oscillator on)
• CM14 bit in CM1 register = 0 (low-speed on-chip oscillator on)
• Bits FRA22 to FRA20 in the FRA2 register:
All division mode can be set when VCC = 3.0 V to 5.5 V
000b to 111b
Division ratio of 4 or more when VCC = 2.7 V to 5.5 V
010b to 111b (divide-by-4 or more)
Division ratio of 8 or more when VCC = 2.2 V to 5.5 V
110b to 111b (divide-by-8 or more)
2. When setting the FRA01 bit to 0 (low-speed on-chip oscillator selected), do not set the FRA00 bit to 0 (high-
speed on-chip oscillator off) at the same time. Set the FRA01 bit to 0 before setting the FRA00 bit to 0.
Set the PRC0 bit in the PRCR register to 1 (write enabled) before rewriting the FRA0 register.
9.2.7
High-Speed On-Chip Oscillator Control Register 1 (FRA1)
Set the PRC0 bit in the PRCR register to 1 (write enabled) before rewriting the FRA1 register.
Address 0023h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
—
—
—
—
FRA03
—
FRA01
FRA00
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
FRA00
High-speed on-chip oscillator enable bit
0: High-speed on-chip oscillator off
1: High-speed on-chip oscillator on
R/W
b1
FRA01
High-speed on-chip oscillator select bit (1) 0: Low-speed on-chip oscillator selected (2)
1: High-speed on-chip oscillator selected
R/W
b2
—
Reserved bit
Set to 0.
R/W
b3
FRA03
fOCO128 clock select bit
0: fOCO-S divided by 128 selected
1: fOCO-F divided by 128 selected
R/W
b4
—
Reserved bits
Set to 0.
R/W
b5
—
b6
—
b7
—
Address 0024h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
———
———
After Reset When shipping
Bit
Function
R/W
b7-b0 The frequency of the high-speed on-chip oscillator can be changed by the following
settings.
40 MHz:
FRA1=FRA3=Value after a reset
36.864 MHz: Transfer the data of the FRA4 register to the FRA1 register, and transfer the
data of the FRA5 register to the FRA3 register.
32 MHz:
Transfer the data of the FRA6 register to the FRA1 register, and transfer the
data of the FRA7 register to the FRA3 register.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com