Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 167Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 168Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 169Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 170Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 171Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 172Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 173Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 174Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 135 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.2.9
High-Speed On-Chip Oscillator Control Register 4 (FRA4)
9.2.10
High-Speed On-Chip Oscillator Control Register 5 (FRA5)
9.2.11
High-Speed On-Chip Oscillator Control Register 6 (FRA6)
9.2.12
High-Speed On-Chip Oscillator Control Register 3 (FRA3)
Set the PRC0 bit in the PRCR register to 1 (write enabled) before rewriting the FRA3 register.
Address 0029h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
———
———
After Reset When shipping
Bit
Function
R/W
b7-b0 36.864 MHz frequency correction data is stored.
The frequency can be adjusted by transferring this value to the FRA1 register and
by transferring the correction value of the FRA5 register to the FRA3 register.
R
Address 002Ah
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
———
———
After Reset When shipping
Bit
Function
R/W
b7-b0 36.864 MHz frequency correction data is stored.
The frequency can be adjusted by transferring this value to the FRA3 register and
by transferring the correction value of the FRA4 register to the FRA1 register.
R
Address 002Bh
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
———
———
After Reset When shipping
Bit
Function
R/W
b7-b0 32 MHz frequency correction data is stored.
The frequency can be adjusted by transferring this value to the FRA1 register and
by transferring the correction value of the FRA7 register to the FRA3 register.
R
Address 002Fh
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
———
———
After Reset When shipping
Bit
Function
R/W
b7-b0 The frequency of the high-speed on-chip oscillator can be changed by the following
settings.
40 MHz:
FRA1=FRA3=Value after a reset
36.864 MHz: Transfer the data of the FRA4 register to the FRA1 register, and transfer the
data of the FRA5 register to the FRA3 register.
32 MHz:
Transfer the data of the FRA6 register to the FRA1 register, and transfer the
data of the FRA7 register to the FRA3 register.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com