Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 161Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 162Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 163Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 164Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 165Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 166Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 167Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 168Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 129 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.2
Registers
9.2.1
System Clock Control Register 0 (CM0)
Notes:
1. The CM05 bit stops the XIN clock when high-speed on-chip oscillator mode or low-speed on-chip oscillator mode
is selected. This bit cannot be used to detect whether the XIN clock has stopped. To stop the XIN clock, set the
bits in the following order:
(a) Set bits OCD1 to OCD0 in the OCD register to 00b.
(b) Set the OCD2 bit to 1 (on-chip oscillator clock selected).
2. During external clock input, only the clock oscillation buffer stops and clock input is acknowledged.
3. Only when the CM05 bit to 1 (XIN clock stops) and the CM07 bit is set to 1 (XCIN clock), P12_0 and P12_1 can
be used as I/O ports.
4. When the MCU enters stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
5. Change the CM07 bit from 0 to 1 (XCIN clock) after the XCIN clock oscillation has become stable.
Set the PRC0 bit in the PRCR register to 1 (write enabled) before rewriting the CM0 register.
Address 0006h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
CM07
CM06
CM05
CM04
CM03
CM02
CM01
—
After Reset
001
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
—
Reserved bit
Set to 0.
R/W
b1
CM01 Peripheral function clock stop bit in
wait mode
b1 b0
0 0: Peripheral function clock does not stop in
wait mode
0 1: Clocks f1 to f32 stop in wait mode
1 0: Clocks f1 to f32 and fC stop in wait mode
1 1: Clocks f1 to f32, fC, and fC-LCD stop in wait mode
R/W
b2
CM02
R/W
b3
CM03 XCIN clock stop bit
0: XCIN clock oscillates
1: XCIN clock stops
R/W
b4
CM04 XCIN external clock input enable bit 0: External clock input disabled
1: External clock input enabled
R/W
b5
CM05 XIN clock (XIN-XOUT) stop bit (1, 3) 0: XIN clock oscillates
1: XIN clock stops (2)
R/W
b6
CM06 System clock division select bit 0 (4) 0: Bits CM16 and CM17 in CM1 register enabled
1: Divide-by-8 mode
R/W
b7
CM07 XIN and XCIN clock select bit (5)
0: XIN clock
1: XCIN clock
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com