Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 159Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 160Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 161Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 162Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 163Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 164Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 165Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 166Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 127 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Figure 9.1
Clock Generation Circuit
S Q
R
1/2
1/2
1/2
1/2
1/2
Charge/
discharge
circuit
S Q
R
FRA00
High-speed
on-chip oscillator
FRA01 = 1
FRA01 = 0
CM14
a
b
c
d
e
Divider
Oscillation
stop
detection
XIN clock
XOUT
CM02
WAIT instruction
RESET
CM10 = 1 (stop mode)
a
d
c
h
b
CM06 = 0
CM17 to CM16 = 11b
CM06 = 1
CM06 = 0
CM17 to CM16 = 10b
CM06 = 0
CM17 to CM16 = 01b
CM06 = 0
CM17 to CM16 = 00b
Detail of divider
Oscillation Stop Detection Circuit
Pulse generation
circuit for
clock edge detection
and charge/
discharge control
XIN clock
Forcible discharge when OCD0 = 0
Watchdog timer interrupt
OCD1
OCD2 bit switch signal
CM14 bit switch signal
Oscillation stop detection,
watchdog timer,
voltage monitor 1 interrupt,
voltage monitor 2 interrupt
eg
FRA2 register
fOCO-S
g
h
Voltage monitor 2 interrupt
System clock
Low-speed
on-chip
oscillator
FRA1 register, FRA3 register
Frequency adjustable
On-chip oscillator clock
fC
Power-on reset circuit
Voltage detection circuit
Voltage monitor 1 interrupt
Divider (1/128)
Power-on reset
Software reset
Interrupt request
1/8
1/2
CPU clock
f1
f2
f4
f8
f32
fOCO40M
fC4
fC32
fOCO128
fOCO
fOCO-F
fOCO-S
Peripheral
function
clock
1/2
fC2
fC
fOCO-WDT
Low-speed on-chip oscillator
for watchdog timer
CSPRO
CM30
CM13
CM05
XIN
CM03
fC
CM01, CM02, CM03, CM04, CM05, CM06, CM07: Bits in CM0 register
CM10, CM11, CM12, CM13, CM14, CM16, CM17: Bits in CM1 register
CM30: Bit in CM3 register
OCD0, OCD1, OCD2: Bits in OCD register
FRA00, FRA01, FRA03: Bits in FRA0 register
CSPRO: Bit in CSPR register
Oscillation stop detection
Interrupt generation circuit
FRA03 = 1
FRA03 = 0
CM07
CM07 = 0
CM07 = 1
CM05
XCOUT
XCIN
CM12
CM13 = 0
CM13 = 1
CM11
CM02
OCD2 = 1
OCD2 = 0
Divider
1/4
fC-LCD
CM02
CM01
CM01
CM04 = 1
CM04 = 0
(Receiver)
(Oscillator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com