Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 155Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 156Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 157Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 158Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 159Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 160Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 161Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 162Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 123 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.6
Unassigned Pin Handling
Table 7.24 lists Unassigned Pin Handling.
Notes:
1. If these ports are set to output mode and left open, they remain in input mode until they are switched
to output mode by a program. The voltage level of these pins may be undefined and the power
current may increase while the ports remain in input mode.
The content of the direction registers may change due to noise or program runaway caused by
noise. In order to enhance program reliability, the program should periodically repeat the setting of
the direction registers.
2. Connect these unassigned pins to the MCU using the shortest wire length (2 cm or less) possible.
3. When power-off mode is not used.
4. When the power-on reset function is used.
Figure 7.6
Unassigned Pin Handling
Table 7.24
Unassigned Pin Handling
Pin Name
Connection
Ports P0 to P7,
Ports P10, P11, 12_2, P12_3
• After setting to input mode, connect each pin to VSS via a resistor
(pull-down) or connect each pin to VCC via a resistor (pull-up). (2)
• After setting to output mode, leave these pins open. (1, 2)
Ports P12_0, P12_1
Connect to VCC via a pull-up resistor. (2)
VREF
Connect to VCC.
WKUP0 (3)
Connect to VSS. (3)
RESET (4)
Connect to VCC via a pull-up resistor. (4)
Notes:
1. When the power-on reset function is used.
2. When power-off mode is not used.
MCU
Ports P0 to P7,
Ports P10, P11
Ports P12_2, P12_3
(Input mode )
:
:
(Input mode)
(Output mode)
:
:
Open
RESET (1)
VREF
WKUP0 (2)
Ports P12_0, P12_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com