| Electronic Components Datasheet Search |
|
R5F2L3ACBNFP Datasheet(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACBNFP Datasheet(HTML) 160 Page - Renesas Technology Corp |
|
160 / 848 page ![]() 8. Bus REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 124 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group 8. Bus The bus cycles differ when accessing ROM/RAM and when accessing SFR. Table 8.1 lists the Bus Cycles by Access Area. ROM/RAM and SFR are connected to the CPU by an 8-bit bus. When accessing in word (16-bit) units, these areas are accessed twice in 8-bit units. Table 8.2 shows Access Units and Bus Operations. Note: 1. Data flash is provided only in the following four: the R8C/L35A Group, L36A Group, L38A Group, and L3AA Group. Table 8.2 Access Units and Bus Operations Table 8.1 Bus Cycles by Access Area Access Area Bus Cycle SFR/Data flash 2 cycles of CPU clock Program ROM/RAM 1 cycle of CPU clock Area SFR, Data flash Even address Byte access ROM (program ROM), RAM Odd address Byte access Even address Word access Odd address Word access CPU clock Data Data Data Even Even Address CPU clock Data Address CPU clock Data Address CPU clock Data Address CPU clock Data Address CPU clock Data Address CPU clock Data Address CPU clock Data Address Data Data Odd Odd Data Even Even + 1 Data Data Odd Odd + 1 Data Data Even Even + 1 Data Data Odd Odd + 1 Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |