Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 158Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 159Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 160Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 161Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 162Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 163Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 164Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 165Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 126 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.
Clock Generation Circuit
The following five circuits are incorporated in the clock generation circuit:
• XIN clock oscillation circuit
• XCIN clock oscillation circuit
• Low-speed on-chip oscillator
• High-speed on-chip oscillator
• Low-speed on-chip oscillator for the watchdog timer
9.1
Introduction
Table 9.1 lists the Specification Overview of Clock Generation Circuit. Figure 9.1 shows the Clock Generation
Circuit and Figure 9.2 shows the Peripheral Function Clock.
Notes:
1. These pins can be used as P12_0 and P12_1 when using the on-chip oscillator clock as the CPU clock while
the XIN clock oscillation circuit and the XCIN clock oscillation circuit are not used.
2. To input an external clock, set the CM05 bit in the CM0 register to 1 (XIN clock stops), the CM11 bit in the CM1
register to 1 (on-chip feedback resistor enabled), and the CM13 bit to 1 (XIN-XOUT pin).
3. The clock frequency is set to up to 20 MHz by a divider when using the high-speed on-chip oscillator as the
CPU clock source.
4. This applies when the CSPROINI bit in the OFS register is set to 1 (count source protection mode disabled after
reset).
5. This applies when the CSPROINI bit in the OFS register is set to 0 (count source protection mode enabled after
reset).
Table 9.1
Specification Overview of Clock Generation Circuit
Item
XIN Clock
Oscillation Circuit
XCIN Clock
Oscillation Circuit
On-Chip Oscillator
Low-Speed
On-Chip Oscillator
for Watchdog Timer
High-Speed
On-Chip Oscillator
Low-Speed
On-Chip Oscillator
Applications
• CPU clock
source
• Peripheral
function clock
source
• CPU clock
source
• Peripheral
function clock
source
• CPU clock
source
• Peripheral
function clock
source
• CPU and
peripheral
function clock
source when XIN
clock stops
oscillating
• CPU clock
source
• Peripheral
function clock
source
• CPU and
peripheral
function clock
source when XIN
clock stops
oscillating
• Watchdog timer
clock source
Clock frequency 0 to 20 MHz
32.768 kHz
Approx. 40 MHz (3) Approx. 125 kHz
Approx. 125 kHz
Connectable
oscillator
•Ceramic
resonator
• Crystal
oscillator
• Crystal
oscillator
−−−
Oscillator
connect pins
XIN, XOUT (1)
XCIN, XCOUT
− (1)
− (1)
−
Oscillation stop,
restart function
Usable
Usable
Usable
Usable
Usable
Oscillator status
after reset
Stop
Oscillate
Stop
Oscillate
Stop (4)
Oscillate (5)
Others
Externally
generated clock
can be input (2)
• Externally
generated clock
can be input
• On-chip
feedback
resistor Rf
(connected/
not connected
selectable)
−−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com