Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 186Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 187Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 188Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 189Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 190Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 191Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 192Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 193Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 154 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.3.1
High-Speed Clock Mode
The XIN clock divided by 1 (no division), 2, 4, 8, or 16 is used as the CPU clock. When the CM14 bit is set to
0 (low-speed on-chip oscillator on) or the FRA00 bit in the FRA0 register is set to 1 (high-speed on-chip
oscillator on), fOCO can be used for timer RA.
Also, when the FRA00 bit is set to 1, fOCO40M can be used for timers RC, RD, and RG.
When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the voltage detection
circuit.
10.3.2
Low-Speed Clock Mode
The XCIN clock divided by 1 (no division), 2, 4, 8, or 16 is used as the CPU clock.
In this mode, low consumption operation is enabled by stopping the XIN clock and the high-speed on-chip
oscillator, and by setting the FMR27 bit in the FMR2 register to 1 (flash memory low-consumption-current read
mode enabled).
Also, when the FRA00 bit is set to 1, fOCO40M can be used for timers RC, RD, and RG.
When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the voltage detection
circuit.
To enter wait mode from low-speed clock mode, lower consumption current in wait mode is enabled by setting
the VCA20 bit in the VCA2 register to 1 (internal power low consumption enabled).
To reduce the power consumption, refer to 10.7 Reducing Power Consumption.
10.3.3
High-Speed On-Chip Oscillator Mode
The high-speed on-chip oscillator is used as the on-chip oscillator clock when the FRA00 bit in the FRA0
register is set to 1 (high-speed on-chip oscillator on) and the FRA01 bit in the FRA0 register is set to 1. The on-
chip oscillator divided by 1 (no division), 2, 4, 8, or 16 is used as the CPU clock. When the FRA00 bit is set to
1, fOCO40M can be used for timers RC, RD, and RG.
Also, when the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the voltage
detection circuit.
10.3.4
Low-Speed On-Chip Oscillator Mode
When the CM14 bit in the CM1 register is set to 0 (low-speed on-chip oscillator on) and the FRA01 bit in the
FRA0 register is set to 0, the low-speed on-chip oscillator is used as the on-chip oscillator clock. At this time,
the on-chip oscillator clock divided by 1 (no division), 2, 4, 8 or 16 is used as the CPU clock. The on-chip
oscillator clock is also the clock source for the peripheral function clocks. When the FRA00 bit is set to 1,
fOCO40M can be used for timers RC, RD, and RG.
Also, When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the voltage
detection circuit.
In this mode, low consumption operation is enabled by stopping the XIN clock and the high-speed on-chip
oscillator, and by setting the FMR27 bit in the FMR2 register to 1 (flash memory low-consumption-current read
mode enabled).
To enter wait mode from low-speed clock mode, current consumption in wait mode can be further reduced by
setting the VCA20 bit in the VCA2 register to 1 (internal power low consumption enabled).
To reduce the power consumption, refer to 10.7 Reducing Power Consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com