Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 184Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 185Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 186Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 187Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 188Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 189Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 190Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 191Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 152 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.2.7
Power-Off Mode Control Register 0 (POMCR0)
Note:
1. Write to the POMCR0 register five times successively to enter power-off mode.
Address 0020h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
POM07
POM06
POM05
POM04
POM03
POM02
POM01
POM00
After Reset
X
00
000
00
Initial write: Selection of the pin status in power-off mode and the exit methods
Bit
Symbol
Bit Name
Function
R/W
b0
POM00
Power-off mode select bit
0: Power-off 0 (all functions stop)
1: Power-off 1 (timer RE enabled)
W
b1
POM01
Reserved bits
Set to 0.
W
b2
POM02
W
b3
POM03
WKUP1 input enable bit
0: Input disabled
1: Input enabled
W
b4
POM04
Reserved bits
Set to 0.
W
b5
POM05
W
b6
POM06
W
b7
POM07
W
Second to fifth write: Entering power-off mode
Bit
Function
R/W
b7 to b0
Write 88h, 15h, 92h, and 25h successively.
W
Read
Bit
Symbol
Bit Name
Function
R/W
b0
POM00
WKUP0 source power-off exit flag
0: Undetected
1: Detected
R
b1
POM01
WKUP1 source power-off exit flag
0: Undetected
1: Detected
R
b2
—
Nothing is assigned. When read, the content is undefined.
R
b3
—
b4
—
b5
—
b6
POM06
Timer RE source power-off exit flag
0: Undetected
1: Detected
R
b7
—
Nothing is assigned. When read, the content is undefined.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com