Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 187Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 188Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 189Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 190Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 191Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 192Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 193Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 194Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 155 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.4
Wait Mode
Since the CPU clock stops in wait mode, CPU operation using the CPU clock and watchdog timer operation with
count source protection mode disabled are halted. However, the XIN clock, XCIN clock, and on-chip oscillator
clock do not stop, so peripheral functions using these clocks continue operating.
10.4.1
Peripheral Function Clock Stop Function
The peripheral function clock to stop in wait mode can be selected by setting bits CM01 and CM02 in the CM0
register (peripheral function clock stop bits in wait mode). This controls power consumption according to
applications.
10.4.2
Entering Wait Mode
The MCU enters wait mode by executing the WAIT instruction or setting the CM30 bit in the CM3 register to 1
(MCU enters wait mode).
When the OCD2 bit in the OCD register is set to 1 (on-chip oscillator selected as system clock), set the OCD1
bit in the OCD register to 0 (oscillation stop detection interrupt disabled) before executing the WAIT
instruction or setting the CM30 bit in the CM3 register to 1 (MCU enters wait mode).
If the MCU enters wait mode while the OCD1 bit is set to 1 (oscillation stop detection interrupt enabled),
current consumption is not reduced because the CPU clock does not stop.
10.4.3
Pin Status in Wait Mode
Each I/O port retains its states immediately before the MCU enters wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com