| Electronic Components Datasheet Search |
|
R5F2L3ACBNFP Datasheet(PDF) 192 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACBNFP Datasheet(HTML) 192 Page - Renesas Technology Corp |
|
192 / 848 page ![]() REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 156 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. 10. Power Control R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group 10.4.4 Exiting Wait Mode The MCU exits wait mode by a reset or peripheral function interrupt. The peripheral function interrupts are affected by bits CM01 and CM02. The following interrupts can be used to exit wait mode: • When bits CM02 to CM01 are set to 00b (peripheral function clock does not stop in wait mode), peripheral function interrupts other than A/D conversion interrupts. • When bits CM02 to CM01 are set to 01b (clocks f1 to f32 stop in wait mode), the interrupts of the peripheral functions operating with external signals, the on-chip oscillator clock, or clocks fC1 to f32. • When bits CM02 to CM01 are set to 10b (clocks f1 to f32 and fC stop in wait mode), the interrupts of the peripheral functions operating with external signals or the on-chip oscillator clock. • When bits CM02 to CM01 are set to 11b (clocks f1 to f32, fC, and fC-LCD stop in wait mode), the same applies when bits CM02 to CM01 are set to 10b. Table 10.3 lists Interrupts to Exit Wait Mode and Usage Conditions. Table 10.3 Interrupts to Exit Wait Mode and Usage Conditions Interrupt CM02 to CM01 = 00b CM02 to CM01 = 01b CM02 to CM01 = 10b CM02 to CM01 = 11b Serial interface interrupt Usable when operating with an internal or external clock. Usable when operating with fC or an external clock. Usable when operating with an external clock. Usable when operating with an external clock. Clock synchronous serial I/O with chip select interrupt / I2C bus interface interrupt Usable in all modes. (Do not use.) (Do not use.) (Do not use.) Key input interrupt Usable Usable Usable Usable A/D conversion interrupt (Do not use.) (Do not use.) (Do not use.) (Do not use.) Timer RA interrupt Usable in all modes. Usable if there is no filter in event counter mode. Usable by selecting fOCO, fC, or fC32 as the count source. Usable if there is no filter in event counter mode. Usable by selecting fOCO as the count source. Usable if there is no filter in event counter mode. Usable by selecting fOCO as the count source. Timer RB interrupt Usable in all modes. (Do not use.) (Do not use.) (Do not use.) Timer RC interrupt Usable in all modes. (Do not use.) (Do not use.) (Do not use.) Timer RD interrupt Usable in all modes. Usable by selecting fOCO40M as the count source. Usable by selecting fOCO40M as the count source. Usable by selecting fOCO40M as the count source. Timer RE interrupt Usable in all modes. Usable when operating in real time clock mode. Usable when operating in real time clock mode. Usable when operating in real time clock mode. Timer RG interrupt Usable in all modes. (Do not use.) (Do not use.) (Do not use.) INT interrupt Usable Usable if there is no filter. Usable if there is no filter. Usable if there is no filter. Voltage monitor 1 interrupt Usable Usable Usable Usable Voltage monitor 2 interrupt Usable Usable Usable Usable Oscillation stop detection interrupt Usable (Do not use.) (Do not use.) (Do not use.) Watchdog timer interrupt Usable in count source protection mode. Usable in count source protection mode. Usable in count source protection mode. Usable in count source protection mode. Comparator A1 interrupt Usable Usable Usable Usable Comparator A2 interrupt Usable Usable Usable Usable LCD counter interrupt Usable Usable by selecting fC- LCD as the count source. Usable by selecting fC- LCD as the count source. (Do not use.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |