Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 192Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 193Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 194Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 195Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 196Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 197Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 198Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 199Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 160 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.5.3
Exiting Stop Mode
The MCU exits stop mode by a reset or peripheral function interrupt.
Figure 10.4 shows the Time from Stop Mode to Interrupt Routine Execution.
To use a peripheral function interrupt to exit stop mode, set up the following before setting the CM10 bit to 1.
(1) Set the interrupt priority level in bits ILVL2 to ILVL0 of the peripheral function interrupts to be used for
exiting stop mode. Set bits ILVL2 to ILVL0 of the peripheral function interrupts that are not to be used for
exiting stop mode to 000b (interrupt disabled).
(2) Set the I flag to 1.
(3) Operate the peripheral function to be used for exiting stop mode.
When the MCU exits stop mode by a peripheral function interrupt, the interrupt sequence is executed when
an interrupt request is generated and the CPU clock supply starts.
The clock used immediately before stop mode divided by 8 is used as the CPU clock when the MCU exits stop
mode by a peripheral function interrupt. To enter stop mode, set the CM35 bit in the CM3 register to 0 (settings
of CM06 bit in CM0 register and bits CM16 and CM17 in CM1 register enabled).
Figure 10.4
Time from Stop Mode to Interrupt Routine Execution
Interrupt request generation
T1
100
µs (max.)
T0
Stop mode
Internal power
stabilization time
Oscillation time of CPU clock
source used immediately
before stop mode
T4
T2
Interrupt sequence
Flash memory
activation sequence
T3
CPU clock
restart sequence
100
µs (max.)
Internal Power
Stabilization Time (T0)
100
µs (max.)
Period of system clock
× 1 cycle + 60 µs (max.)
Period of system clock
× 1 cycle
Period of CPU clock
× 2 cycles
Same as above
Time until
CPU Clock
Supply (T3)
Time until
Flash Memory
Activation (T2)
Time for
Interrupt
Sequence (T4)
Period of CPU clock
× 20 cycles
Same as above
FMSTP Bit
0
(flash memory operates)
1
(flash memory stops)
FMR0 Register
The total of T0 to T4 is
the time from wait mode
until an interrupt routine
is executed.
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com