Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 195Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 196Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 197Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 198Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 199Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 200Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 201Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 202Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 163 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.7
Reducing Power Consumption
This section describes key points and processing methods for reducing power consumption. They should be
referred to when designing a system or creating a program.
10.7.1
Voltage Detection Circuit
When voltage monitor 1 and comparator A1 are not used, set the VCA26 bit in the VCA2 register to 0 (voltage
detection 1 circuit disabled). When voltage monitor 2 and comparator A2 are not used, set the VCA27 bit in the
VCA2 register to 0 (voltage detection 2 circuit disabled).
When power-on reset and voltage monitor 0 reset are not used, set the VCA25 bit in the VCA2 register to 0
(voltage detection 0 circuit disabled).
10.7.2
Ports
Even after the MCU enters wait mode or stop mode, the states of the I/O ports are retained. Current flows into
the output ports in the active state, and shoot-through current flows into the input ports in the high-impedance
state. Unnecessary ports should be set to input and fixed to a stable electric potential before the MCU enters
wait mode or stop mode.
10.7.3
Clocks
Power consumption generally depends on the number of the operating clocks and their frequencies. The fewer
the number of operating clocks or the lower their frequencies, the more power consumption decreases.
Unnecessary clocks should be stopped accordingly.
Stopping the low-speed on-chip oscillator oscillation: CM14 bit in CM1 register
Stopping the high-speed on-chip oscillator oscillation: FRA00 bit in FRA0 register
10.7.4
Wait Mode, Stop Mode, and Power-Off Mode
Power consumption can be reduced in wait mode, stop mode, and power-off mode.
10.7.5
Stopping Peripheral Function Clocks
When peripheral function clocks are not necessary in wait mode, set bits CM01 and CM02 bit in the CM0
register to stop the clock.
10.7.6
Timers
When timer RA is not used, set the TCKCUT bit in the TRAMR register to 1 (count source cutoff).
When timer RB is not used, set the TCKCUT bit in the TRBMR register to 1 (count source cutoff).
When timer RC is not used, set the MSTTRC bit in the MSTCR register to 1 (standby).
When timer RD is not used, set the MSTTRD bit in the MSTCR register to 1 (standby).
When timer RG is not used, set the MSTTRG bit in the MSTCR register to 1 (standby).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com