Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 193Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 194Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 195Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 196Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 197Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 198Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 199Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 200Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 161 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.6
Power-Off Mode
All functions stop in power-off mode. However, the low-speed clock and timer RE functions can be set to operate
or stop by means of register settings. The least power is consumed in this mode.
10.6.1
Pin Handling in Power-Off Mode
Figure 10.5 shows Pin Handling in Power-Off Mode. To use this mode, hardware reset input is required. For
details of hardware resets, refer to 5.2 Hardware Reset.
10.6.2
Entering Power-Off Mode
Table 10.5 lists the register settings in power-off mode.
The pin status in power-off mode and the method of exiting are selected by the initial write to the POMCR0
register. When 88h, 15h, 92h, and 25h are then written successively, the MCU enters power-off mode.
• Power-off 0
When the POM00 bit is set to 0 (power-off 0) by the initial write, all functions stop once the MCU enters
power-off mode.
• Power-off 1
When the POM00 bit is set to 1 (power-off 1) by the initial write, all functions except the low-speed clock and
timer RE stop once the MCU enters power-off mode. The timer RE interrupt can be used to exit the mode
when power-off 1 is selected.
An access to another register during the write to the POMCR0 register does not affect entering the mode.
10.6.3
Pin Status in Power-Off Mode
Table 10.6 lists the Pin Status in Power-Off Mode. When the MCU enters power-off mode, the contents of
RAM and registers are not retained. Save the data needs to be retained to the data flash before entering power-
off mode.
Figure 10.5
Pin Handling in Power-Off Mode
(1) When power-off mode is used
Always pull up WKUP0.
Pull up WKUP1 when selected as the exit source.
Input a low-level signal to exit the mode.
MCU
VCC
WKUP0
WKUP1
RESET
Input a hardware reset as reset input.
For details of resets, refer to 5.2 Hardware Reset.
RESET
WKUP0
VCC
MCU
(2) When power-off mode is not used
Connect WKUP0 to VSS.
A hardware reset or the power-on reset function
can be used as reset input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com