Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 210Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 211Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 212Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 213Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 214Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 215Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 216Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 217Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 178 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
12. Interrupts
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
12.3.4
Interrupt Sequence
The following describes an interrupt sequence which is performed from when an interrupt request is
acknowledged until the interrupt routine is executed.
When an interrupt request is generated while an instruction is being executed, the CPU determines its interrupt
priority level after the instruction is completed. The CPU starts the interrupt sequence from the following cycle.
However, for the SMOVB, SMOVF, SSTR, or RMPA instruction, if an interrupt request is generated while the
instruction is being executed, the MCU suspends the instruction to start the interrupt sequence. The interrupt
sequence is performed as indicated below.
Figure 12.3 shows the Time Required for Executing Interrupt Sequence.
(1) The CPU obtains interrupt information (interrupt number and interrupt request level) by reading address
00000h. The IR bit for the corresponding interrupt is set to 0 (no interrupt requested). (2)
(2) The FLG register is saved to a temporary register (1) in the CPU immediately before entering the interrupt
sequence.
(3) The I, D and U flags in the FLG register are set as follows:
The I flag is set to 0 (interrupts disabled).
The D flag is set to 0 (single-step interrupt disabled).
The U flag is set to 0 (ISP selected).
However, the U flag does not change state if an INT instruction for software interrupt number 32 to 63 is
executed.
(4) The CPU internal temporary register (1) is saved on the stack.
(5) The PC is saved on the stack.
(6) The interrupt priority level of the acknowledged interrupt is set in the IPL.
(7) The starting address of the interrupt routine set in the interrupt vector is stored in the PC.
After the interrupt sequence is completed, instructions are executed from the starting address of the interrupt
routine.
Figure 12.3
Time Required for Executing Interrupt Sequence
Notes:
1. These registers cannot be accessed by the user.
2. Refer to 12.7 Interrupts of Timer RC, Timer RD, Timer RG, Synchronous Serial Communication
Unit, I2C bus Interface, and Flash Memory (Interrupts with Multiple Interrupt Request Sources)
for the IR bit operations of the above interrupts.
12
3
4
5
678
9
10
11
12
13
14
15
16
17
18
19
20
CPU Clock
Address Bus
Data Bus
RD
WR
Address
0000h
Undefined
Undefined
Undefined
Interrupt
information
SP-2
SP-1
SP-4
SP-3
VEC
VEC+1
VEC+2
PC
SP-2
content
SP-1
content
SP-4
content
SP-3
content
VEC
content
VEC+1
content
VEC+2
content
Note:
1. The indeterminate state depends on the instruction queue buffer.
A read cycle occurs when the instruction queue buffer is ready to accept instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com