Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 206Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 207Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 208Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 209Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 210Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 211Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 212Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 213Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 174 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
12. Interrupts
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
12.2
Registers
12.2.1
Interrupt Control Register
(TREIC, S2TIC, S2RIC, KUPIC, ADIC, S0TIC, S0RIC, S1TIC, S1RIC, TRAIC,
TRBIC, U2BCNIC, VCMP1IC, VCMP2IC)
Note:
1. Only 0 can be written to the IR bit. Do not write 1 to this bit.
Rewrite the interrupt control register when an interrupt request corresponding to the register is not generated.
Refer to 12.8.5 Rewriting Interrupt Control Register.
Address 004Ah (TREIC), 004Bh (S2TIC), 004Ch (S2RIC), 004Dh (KUPIC),
004Eh (ADIC), 0051h (S0TIC), 0052h (S0RIC), 0053h (S1TIC),
0054h (S1RIC), 0056h (TRAIC), 0058h (TRBIC), 005Eh (U2BCNIC),
0072h (VCMP1IC), 0073h (VCMP2IC),
Bit
b7b6b5
b4b3b2
b1b0
Symbol
—
—
—
—
IR
ILVL2
ILVL1
ILVL0
After Reset
X
X
XXX
0
0
0
Bit
Symbol
Bit Name
Function
R/W
b0
ILVL0
Interrupt priority level select bit
b2 b1 b0
0 0 0: Level 0 (interrupt disabled)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
R/W
b1
ILVL1
R/W
b2
ILVL2
R/W
b3
IR
Interrupt request bit
0: No interrupt requested
1: Interrupt requested
R/W
(1)
b4
—
Nothing is assigned. If necessary, set to 0. When read, the content is undefined.
—
b5
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com