Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 205Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 206Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 207Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 208Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 209Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 210Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 211Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 212Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 173 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
12. Interrupts
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
12.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes beginning from the starting address set in the INTB register.
Table 12.2 lists the Relocatable Vector Tables.
Notes:
1. These addresses are relative to those in the INTB register.
2. Selectable by the IICSEL bit in the SSUIICSR register.
3. These interrupts are not disabled by the I flag.
Table 12.2
Relocatable Vector Tables
Interrupt Source
Vector Addresses (1)
Address (L) to Address (H)
Software
Interrupt
Number
Interrupt
Control
Register
Reference
BRK instruction (3)
+0 to +3 (0000h to 0003h)
0
−
R8C/Tiny Series
Software Manual
Flash memory ready
+4 to +7 (0004h to 0007h)
1
FMRDYIC 35. Flash Memory
(Reserved)
2
−−
INT7
+12 to +15 (000Ch to 000Fh)
3
INT7IC
12.4 INT Interrupt
INT6
+16 to +19 (0010h to 0013h)
4
INT6IC
12.4 INT Interrupt
INT5
+20 to +23 (0014h to 0017h)
5
INT5IC
12.4 INT Interrupt
INT4
+24 to +27 (0018h to 001Bh)
6
INT4IC
12.4 INT Interrupt
Timer RC
+28 to +31 (001Ch to 001Fh)
7
TRCIC
20. Timer RC
Timer RD0
+32 to +35 (0020h to 0023h)
8
TRD0IC
21. Timer RD
Timer RD1
+36 to +39 (0024h to 0027h)
9
TRD1IC
Timer RE
+40 to +43 (0028h to 002Bh)
10
TREIC
22. Timer RE
UART2 transmission/NACK2
+44 to +47 (002Ch to 002Fh)
11
S2TIC
25. Serial Interface (UART2)
UART2 reception/ACK2
+48 to +51 (0030h to 0033h)
12
S2RIC
Key input
+52 to +55 (0034h to 0037h)
13
KUPIC
12.5 Key Input Interrupt
A/D conversion
+56 to +59 (0038h to 003Bh)
14
ADIC
30. A/D Converter
Synchronous serial
communication unit/
I2C bus interface (2)
+60 to +63 (003Ch to 003Fh)
15
SSUIC/IIC
IC
27. Synchronous Serial
Communication Unit (SSU),
28. I2C bus Interface
(Reserved)
16
−−
UART0 transmission
+68 to +71 (0044h to 0047h)
17
S0TIC
24. Serial Interface (UARTi (i =
0 or 1))
UART0 reception
+72 to +75 (0048h to 004Bh)
18
S0RIC
UART1 transmission
+76 to +79 (004Ch to 004Fh)
19
S1TIC
UART1 reception
+80 to +83 (0050h to 0053h)
20
S1RIC
INT2
+84 to +87 (0054h to 0057h)
21
INT2IC
12.4 INT Interrupt
Timer RA
+88 to +91 (0058h to 005Bh)
22
TRAIC
18. Timer RA
(Reserved)
23
−−
Timer RB
+96 to +99 (0060h to 0063h)
24
TRBIC
19. Timer RB
INT1
+100 to +103 (0064h to 0067h)
25
INT1IC
12.4 INT Interrupt
INT3
+104 to +107 (0068h to 006Bh)
26
INT3IC
(Reserved)
27
−−
(Reserved)
28
−−
INT0
+116 to +119 (0074h to 0077h)
29
INT0IC
12.4 INT Interrupt
UART2 bus collision detection
+120 to +123 (0078h to 007Bh)
30
U2BCNIC
25. Serial Interface (UART2)
(Reserved)
31
−−
Software (3)
+128 to +131 (0080h to 0083h) to
+164 to +167 (00A4h to 00A7h)
32 to 41
−
R8C/Tiny Series
Software Manual
(Reserved)
42
−−
Timer RG
+172 to +175 (00ACh to 00AFh)
43
TRGIC
23. Timer RG
(Reserved)
44 to 49
−−
Voltage monitor 1/comparator A1 +200 to +203 (00C8h to 00CBh)
50
VCMP1IC 6. Voltage Detection Circuit
32. Comparator A
Voltage monitor 2/comparator A2 +204 to +207 (00CCh to 00CFh)
51
VCMP2IC
(Reserved)
52 to 55
−−
Software (3)
+224 to +227 (00E0h to 00E3h) to
+252 to +255 (00FCh to 00FFh)
56 to 63
−
R8C/Tiny Series
Software Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com