| Electronic Components Datasheet Search |
|
R5F2L3ACBNFP Datasheet(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACBNFP Datasheet(HTML) 207 Page - Renesas Technology Corp |
|
207 / 848 page ![]() REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 171 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. 12. Interrupts R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group 12.1.3 Special Interrupts Special interrupts are non-maskable. 12.1.3.1 Watchdog Timer Interrupt A watchdog timer interrupt is generated by the watchdog timer. For details, refer to 15. Watchdog Timer. 12.1.3.2 Oscillation Stop Detection Interrupt An oscillation stop detection interrupt is generated by the oscillation stop detection function. For details of the oscillation stop detection function, refer to 9. Clock Generation Circuit. 12.1.3.3 Voltage Monitor 1/Comparator A1 Interrupt A voltage monitor 1/Comparator A1 interrupt is generated by the voltage detection circuit or the comparator A. A non-maskable or maskable interrupt can be selected by IRQ1SEL bit in the CMPA register. For details of the voltage detection circuit, refer to 6. Voltage Detection Circuit and for details of the comparator A, refer to 32. Comparator A. 12.1.3.4 Voltage Monitor 2/Comparator A2 Interrupt A voltage monitor 2/Comparator A2 interrupt is generated by the voltage detection circuit or the comparator A. A non-maskable or maskable interrupt can be selected by IRQ2SEL bit in the CMPA register. For details of the voltage detection circuit, refer to 6. Voltage Detection Circuit and for details of the comparator A, refer to 32. Comparator A. 12.1.3.5 Single-Step Interrupt, Address Break Interrupt Do not use these interrupts. They are provided exclusively for use by development tools. 12.1.3.6 Address Match Interrupt An address match interrupt is generated immediately before executing an instruction that is stored at an address indicated by registers RMAD0 to RMAD1 if the AIER0 bit in the AIER0 register or AIER1 bit in the AIER1 register is set to 1 (address match interrupt enabled). For details of the address match interrupt, refer to 12.6 Address Match Interrupt. 12.1.4 Peripheral Function Interrupts A peripheral function interrupt is generated by a peripheral function in the MCU. Peripheral function interrupts are maskable. Refer to Table 12.2 Relocatable Vector Tables for sources of the corresponding peripheral function interrupt. For details of peripheral functions, refer to the descriptions of individual peripheral functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |