Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 201Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 202Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 203Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 204Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 205Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 206Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 207Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 208Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 169 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
12. Interrupts
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
12. Interrupts
12.1
Introduction
12.1.1
Types of Interrupts
Figure 12.1 shows the Types of Interrupts.
Figure 12.1
Types of Interrupts
• Maskable interrupts:
These interrupts are enabled or disabled by the interrupt enable flag (I flag).
The interrupt priority can be changed based on the interrupt priority level.
• Non-maskable interrupts:
These interrupts are not enabled or disabled by the interrupt enable flag (I flag).
The interrupt priority cannot be changed based on the interrupt priority level.
Interrupts
(non-maskable interrupts)
Hardware
Software
(non-maskable interrupts)
(maskable interrupts)
Special
Peripheral function (1)
Undefined instruction (UND instruction)
Overflow (INTO instruction)
BRK instruction
INT instruction
Watchdog timer
Oscillation stop detection
Voltage monitor 1 / compatator A1 (3)
Voltage monitor 2 / compatator A2 (3)
Single step (2)
Address break (2)
Address match
Notes:
1. A peripheral function interrupt is generated by a peripheral function in the MCU.
2. Do not use these interrupts. These are provided exclusively for use by development tools.
3. A non-maskable or maskable interrupt can be selected by bits IREQ1SEL and IREQ2SEL in the CMPA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com