Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 202Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 203Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 204Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 205Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 206Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 207Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 208Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 209Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 170 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
12. Interrupts
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
12.1.2
Software Interrupts
A software interrupt is generated when an instruction is executed. Software interrupts are non-maskable.
12.1.2.1
Undefined Instruction Interrupt
An undefined instruction interrupt is generated when the UND instruction is executed.
12.1.2.2
Overflow Interrupt
An overflow interrupt is generated when the O flag is set to 1 (arithmetic operation overflow) and the INTO
instruction is executed. Instructions that set the O flag are as follows:
ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, and SUB.
12.1.2.3
BRK Interrupt
A BRK interrupt is generated when the BRK instruction is executed.
12.1.2.4
INT Instruction Interrupt
An INT instruction interrupt is generated when the INT instruction is executed. Software interrupt numbers 0 to
63 can be specified with the INT instruction. Because software interrupt numbers are assigned to peripheral
function interrupts, the same interrupt routine as for peripheral function interrupts can be executed by executing
the INT instruction.
For software interrupt numbers 0 to 31, the U flag is saved on the stack during instruction execution and the U
flag is set to 0 (ISP selected) before the interrupt sequence is executed. The U flag is restored from the stack
when returning from the interrupt routine. For software interrupt numbers 32 to 63, the U flag does not change
state during instruction execution, and the selected SP is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com