Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 341Page - Renesas Technology Corp SH7713 Datasheet HTML 342Page - Renesas Technology Corp SH7713 Datasheet HTML 343Page - Renesas Technology Corp SH7713 Datasheet HTML 344Page - Renesas Technology Corp SH7713 Datasheet HTML 345Page - Renesas Technology Corp SH7713 Datasheet HTML 346Page - Renesas Technology Corp SH7713 Datasheet HTML 347Page - Renesas Technology Corp SH7713 Datasheet HTML 348Page - Renesas Technology Corp SH7713 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 904 page
background image
Section 10 Power-Down Modes
Rev.1.50 Aug. 30, 2006 Page 305 of 860
REJ09B0288-0150
WTCNT value
H'FF
H'80
Time
Interrupt
request
WDT overflow and branch to
interrupt handling routine
Crystal resonator settling
time and PLL synchronization
time
Clear bit STBCR.STBY before
WTCNT reaches H'80. When
STBCR. STBY is cleared, WTCNT
halts automatically.
Figure 10.1 Canceling Standby Mode with STBCR.STBY
• Canceling with a Reset
Software standby mode is canceled by a reset (power-on or manual). Keep the
RESETP or
RESETM pin low until the clock oscillation settles. The internal clock will continue to be output
to the CKIO pin.
10.3.3
Module Standby Function
Transition to Module Standby Function: Setting each MSTP bit in the standby control registers
to 1 halts the supply of clocks to the corresponding on-chip peripheral modules. This function can
be used to reduce the power consumption in normal or sleep mode. Before a transition is made, the
module should be disabled.
In the module standby state, the functions of the external pins of the on-chip peripheral modules
change depending on the on-chip peripheral module. For details, see section 1, Overview and Pin
Function. All of the register states are the same as those in standby mode. For details, see table
10.3.
Canceling Module Standby Function: The module standby function can be canceled by clearing
the MSTP bits to 0, or by a power-on reset.
To cancel the module standby function by clearing the corresponding MSTP bit to 0, read the
MSTP bit to check the MSTP bit was cleared correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com