Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 90Page - Renesas Technology Corp SH7713 Datasheet HTML 91Page - Renesas Technology Corp SH7713 Datasheet HTML 92Page - Renesas Technology Corp SH7713 Datasheet HTML 93Page - Renesas Technology Corp SH7713 Datasheet HTML 94Page - Renesas Technology Corp SH7713 Datasheet HTML 95Page - Renesas Technology Corp SH7713 Datasheet HTML 96Page - Renesas Technology Corp SH7713 Datasheet HTML 97Page - Renesas Technology Corp SH7713 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 54 of 860
REJ09B0288-0150
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
9
BF
Conditional branch, delayed
conditional branch (T = 0)
11
BT
Conditional branch, delayed
conditional branch (T = 1)
BRA
Unconditional branch
BRAF
Unconditional branch
BSR
Branch to subroutine procedure
BSRF
Branch to subroutine procedure
JMP
Unconditional branch
JSR
Branch to subroutine procedure
Branch
instructions
RTS
Return from subroutine procedure
15
CLRT
T bit clear
75
CLRMAC
MAC register clear
CLRS
S bit clear
LDC
Load into control register
LDS
Load into system register
LDTLB
PTEH/PTEL load into TLB
NOP
No operation
PREF
Data prefetch to cache
RTE
Return from exception handling
SETS
S bit setting
SETT
T bit setting
SLEEP
Transition to power-down mode
STC
Store from control register
STS
Store from system register
System
control
instructions
TRAPA
Trap exception handling
Total:
68
188
The instruction code, operation, and number of execution states of the CPU instructions are shown
in the following tables, classified by instruction type, using the format shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com