Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 63Page - Renesas Technology Corp SH7713 Datasheet HTML 64Page - Renesas Technology Corp SH7713 Datasheet HTML 65Page - Renesas Technology Corp SH7713 Datasheet HTML 66Page - Renesas Technology Corp SH7713 Datasheet HTML 67Page - Renesas Technology Corp SH7713 Datasheet HTML 68Page - Renesas Technology Corp SH7713 Datasheet HTML 69Page - Renesas Technology Corp SH7713 Datasheet HTML 70Page - Renesas Technology Corp SH7713 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 904 page
background image
Section 2 CPU
CPUS3D0S_000020020300
Rev.1.50 Aug. 30, 2006 Page 27 of 860
REJ09B0288-0150
Section 2 CPU
2.1
Processing States and Processing Modes
2.1.1
Processing States
This LSI supports four types of processing states: a reset state, an exception handling state, a
program execution state, and a low-power consumption state, according to the CPU processing
states.
Reset State: In the reset state, the CPU is reset. The LSI supports two types of resets: power-on
reset and manual reset. For details on resets, refer to section 4, Exception Handling.
In power-on reset, the registers and internal statuses of all LSI on-chip modules are initialized. In
manual reset, the register contents of a part of the LSI on-chip modules, such as the bus state
controller (BSC), are retained. For details, refer to section 23, List of Registers. The CPU internal
statuses and registers are initialized both in power-on reset and manual reset. After initialization,
the program branches to address H'A0000000 to pass control to the reset processing program to be
executed.
Exception Handling State: In the exception handling state, the CPU processing flow is changed
temporarily by a general exception or interrupt exception processing. The program counter (PC)
and status register (SR) are saved in the save program counter (SPC) and save status register
(SSR), respectively. The program branches to an address obtained by adding a vector offset to the
vector base register (VBR) and passes control to the exception processing program defined by the
user to be executed. For details on reset, refer to section 4, Exception Handling.
Program Execution State: The CPU executes programs sequentially.
Low-Power Consumption State: The CPU stops operation to reduce power consumption. The
low-power consumption state can be entered by executing the SLEEP instruction. For details on
the low-power consumption state, refer to section 10, Power-Down Modes.
Figure 2.1 shows a status transition diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com