Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 46Page - Renesas Technology Corp SH7713 Datasheet HTML 47Page - Renesas Technology Corp SH7713 Datasheet HTML 48Page - Renesas Technology Corp SH7713 Datasheet HTML 49Page - Renesas Technology Corp SH7713 Datasheet HTML 50Page - Renesas Technology Corp SH7713 Datasheet HTML 51Page - Renesas Technology Corp SH7713 Datasheet HTML 52Page - Renesas Technology Corp SH7713 Datasheet HTML 53Page - Renesas Technology Corp SH7713 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 10 of 860
REJ09B0288-0150
Table 1.1
Pin Assigument
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
) Pin Name
I/O
Description
1
B2
REFOUT/IRQOUT/
ARBUSY
O/O/O Bus release request output
2
C2
BREQ
I
Bus request
3
D2
VccQ
I/O power supply (3.3 V)
4
B1
VssQ
I/O power supply (0 V)
5
E2
BACK
O
Bus acknowledge
6
E3
CS0
O
Chip select 0
7
C1
CS4
O
Chip select 4
8
D3
CS5A
O
Chip select 5 A
9
D1
CS6A
O
Chip select 6 A
10
E4
WAIT
I
Hardware wait request
11
F2
RD
O
Read strobe
12
F3
BS
O
Bus cycle start signal
13
E1
VccQ
I/O power supply (3.3 V)
14
F4
VssQ
I/O power supply (0 V)
15
G2
Vcc
Internal power supply (1.5 V)
16
G3
Vss
Internal power supply (0 V)
17
F1
D0
IO
Data bus
18
G4
D1
IO
Data bus
19
H2
D2
IO
Data bus
20
H3
D3
IO
Data bus
21
G1
D4
IO
Data bus
22
H4
D5
IO
Data bus
23
H1
D6
IO
Data bus
24
J3
D7
IO
Data bus
25
J2
VccQ
I/O power supply (3.3 V)
26
J4
VssQ
I/O power supply (0 V)
27
J1
D8
IO
Data bus
28
K3
D9
IO
Data bus
29
K2
D10
IO
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com