Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 39Page - Renesas Technology Corp SH7713 Datasheet HTML 40Page - Renesas Technology Corp SH7713 Datasheet HTML 41Page - Renesas Technology Corp SH7713 Datasheet HTML 42Page - Renesas Technology Corp SH7713 Datasheet HTML 43Page - Renesas Technology Corp SH7713 Datasheet HTML 44Page - Renesas Technology Corp SH7713 Datasheet HTML 45Page - Renesas Technology Corp SH7713 Datasheet HTML 46Page - Renesas Technology Corp SH7713 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 3 of 860
REJ09B0288-0150
Cache memory:
• 32-kbyte cache, mixture of instructions and data
• 512-entry, 4-way set associative, 16-byte block length
• Write-back, write-through, LRU replacement algorithm
• 1-stage write-back buffer
X/Y memory:
• Three independent read/write ports
8-/16-/32-bit access from the CPU
Maximum two 16-bit accesses from the DSP
8-/16-/32-bit access from the DMAC
32-bit access from the E-DMAC
• A total of 16 kbytes memory (8-kbyte RAM each for X- and Y-memory)
Interrupt controller (INTC):
• Supports seven external interrupt pins (NMI, IRQ5 to IRQ0)
• Supports fifteen level interrupt pins (IRL3 to IRL0)
• Supports one interrupt request output pin (IRQOUT)
• On-chip peripheral interrupt: Priority level is independently selected for each module
• Supports software vector mode
• Selection of falling/rising/high/low
User break controller (UBC):
• Address, data value, access type, and data size are available for setting as break conditions
• Supports the sequential break function
• Two break channels
On-Chip Oscillation Circuits:
• Clock source selectable between an external supply (EXTAL or CKIO) and crystal resonator
The internal clock and peripheral clock can be adjusted by setting the PLL circuit and division
ratio.
• Three types of clocks generated:
CPU clock (I clock): 200 MHz (max)
Bus clock (B clock): 66 MHz (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com