| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 62 Page - Renesas Technology Corp |
|
62 / 904 page ![]() Section 1 Overview and Pin Function Rev.1.50 Aug. 30, 2006 Page 22 of 860 REJ09B0288-0150 Classification Symbol I/O Name Function WE0(BE0) O Byte write Indicates that bits 7 to 0 of the data in the external memory or device are being written. RAS O RAS Connects RAS pin during access to the SDRAM. CAS O CAS Connects CAS pin during access to the SDRAM. CKE O CK enable Connects CKE pin during access to the SDRAM. IOIS16 I 16-bit I/O selection Indicates 16-bit I/O for PCMCIA. DQMUU O DQM Selects D31 to D24 during access to the SDRAM. DQMUL O DQM Selects D23 to D16 during access to the SDRAM. DQMLU O DQM Selects D15 to D8 during access to the SDRAM. DQMLL O DQM Selects D7 to D0 during access to the SDRAM. REFOUT O Refresh request output Outputs the refresh request in master mode or bus release. Bus control WAIT I Wait Inserts a wait cycle into the bus cycles during access to the external space. DREQ0, DREQ1 I DMA-transfer request Input pin for external requests for DMA transfer. DACK0, DACK1 O DMA-transfer request accept Output pin for request acceptance, in response to external requests for DMA transfer. Direct memory access controller (DMAC) TEND0, TEND1 O DMA-transfer end output Output pin for DMA transfer end signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |