Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 88Page - Renesas Technology Corp SH7713 Datasheet HTML 89Page - Renesas Technology Corp SH7713 Datasheet HTML 90Page - Renesas Technology Corp SH7713 Datasheet HTML 91Page - Renesas Technology Corp SH7713 Datasheet HTML 92Page - Renesas Technology Corp SH7713 Datasheet HTML 93Page - Renesas Technology Corp SH7713 Datasheet HTML 94Page - Renesas Technology Corp SH7713 Datasheet HTML 95Page - Renesas Technology Corp SH7713 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 52 of 860
REJ09B0288-0150
2.6
Instruction Set
2.6.1
CPU Instruction Set Based on Functions
The CPU instruction set consists of 68 basic instruction types divided into six functional groups,
as shown in table 2.5. Tables 2.6 to 2.11 show the instruction notation, machine code, execution
time, and function.
Table 2.5
CPU Instruction Types
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
MOV
Data transfer
Immediate data transfer
Peripheral module data transfer
Structure data transfer
39
MOVA
Effective address transfer
MOVT
T bit transfer
SWAP
Upper/lower swap
Data transfer
instructions
5
XTRCT
Extraction of middle of linked registers
21
ADD
Binary addition
33
ADDC
Binary addition with carry
ADDV
Binary addition with overflow check
CMP/cond
Comparison
DIV1
Division
DIV0S
Signed division initialization
DIV0U
Unsigned division initialization
DMULS
Signed double-precision multiplication
DMULU
Unsigned double-precision
multiplication
DT
Decrement and test
EXTS
Sign extension
Arithmetic
operation
instructions
EXTU
Zero extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com