Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 50Page - Renesas Technology Corp SH7713 Datasheet HTML 51Page - Renesas Technology Corp SH7713 Datasheet HTML 52Page - Renesas Technology Corp SH7713 Datasheet HTML 53Page - Renesas Technology Corp SH7713 Datasheet HTML 54Page - Renesas Technology Corp SH7713 Datasheet HTML 55Page - Renesas Technology Corp SH7713 Datasheet HTML 56Page - Renesas Technology Corp SH7713 Datasheet HTML 57Page - Renesas Technology Corp SH7713 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 14 of 860
REJ09B0288-0150
Pin No.
(FP-256G/GV)
Pin No.
(BP-256H/HV
)
Pin Name
I/O
Description
120
Y18
PTA2/SCIF0CK
IO/IO
I/O port A/SCIF0 serial clock
121
W17
VccQ
I/O power supply (3.3 V)
122
Y19
VssQ
I/O power supply (0 V)
123
V18
PTA3/SCK_SIO0
IO/IO
I/O port A/SIOF0 communication clock
124
W16
PTA4/SIOMCLK0
IO/I
I/O port A/SIOF0 clock input
125
V16
PTA5/RXD_SIO0
IO/I
I/O port A/SIOF0 receive data
126
V17
PTA6/TXD_SIO0
IO/O
I/O port A/SIOF0 transmit data
127
W18
PTA7/SIOFSYNC0
IO/IO
I/O port A/SIOF0 frame sync
128
Y20
VccQ
I/O power supply (3.3 V)
129
W19
VssQ
I/O power supply (0 V)
130
V19
VssQ
I/O power supply (0 V)
131
U19
NC
132
W20
NC
133
T19
NC
134
T18
NC
135
V20
NC
136
U18
VccQ
I/O power supply (3.3 V)
137
U20
VssQ
I/O power supply (0 V)
138
T17
VssQ
I/O power supply (0 V)
139
R19
NC
140
R18
VssQ
I/O power supply (0 V)
141
T20
VssQ
I/O power supply (0 V)
142
R17
VssQ
I/O power supply (0 V)
143
P19
VssQ
I/O power supply (0 V)
144
P18
VssQ
I/O power supply (0 V)
145
R20
VssQ
I/O power supply (0 V)
146
P17
Vcc
Internal power supply (1.5 V)
147
N19
Vss
Internal power supply (0 V)
148
N18
VccQ
I/O power supply (3.3 V)
149
P20
VssQ
I/O power supply (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com