Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 89Page - Renesas Technology Corp SH7713 Datasheet HTML 90Page - Renesas Technology Corp SH7713 Datasheet HTML 91Page - Renesas Technology Corp SH7713 Datasheet HTML 92Page - Renesas Technology Corp SH7713 Datasheet HTML 93Page - Renesas Technology Corp SH7713 Datasheet HTML 94Page - Renesas Technology Corp SH7713 Datasheet HTML 95Page - Renesas Technology Corp SH7713 Datasheet HTML 96Page - Renesas Technology Corp SH7713 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 904 page
background image
Section 2 CPU
Rev.1.50 Aug. 30, 2006 Page 53 of 860
REJ09B0288-0150
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
21
MAC
Multiply-and-accumulate, double-
precision multiply-and-accumulate
33
MUL
Double-precision multiplication
(32
× 32 bits)
MULS
Signed multiplication (16
× 16 bits)
MULU
Unsigned multiplication (16
× 16 bits)
NEG
Sign inversion
NEGC
Sign inversion with borrow
SUB
Binary subtraction
SUBC
Binary subtraction with carry
Arithmetic
operation
instructions
SUBV
Binary subtraction with underflow
6
AND
Logical AND
14
NOT
Bit inversion
OR
Logical OR
TAS
Memory test and bit setting
TST
Logical AND and T bit setting
Logic
operation
instructions
XOR
Exclusive logical OR
12
ROTL
1-bit left shift
16
ROTR
1-bit right shift
ROTCL
1-bit left shift with T bit
ROTCR
1-bit right shift with T bit
SHAL
Arithmetic 1-bit left shift
SHAR
Arithmetic 1-bit right shift
SHLL
Logical 1-bit left shift
SHLLn
Logical n-bit left shift
SHLR
Logical 1-bit right shift
SHLRn
Logical n-bit right shift
SHAD
Arithmetic dynamic shift
Shift
instructions
SHLD
Logical dynamic shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com