Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 57Page - Renesas Technology Corp SH7713 Datasheet HTML 58Page - Renesas Technology Corp SH7713 Datasheet HTML 59Page - Renesas Technology Corp SH7713 Datasheet HTML 60Page - Renesas Technology Corp SH7713 Datasheet HTML 61Page - Renesas Technology Corp SH7713 Datasheet HTML 62Page - Renesas Technology Corp SH7713 Datasheet HTML 63Page - Renesas Technology Corp SH7713 Datasheet HTML 64Page - Renesas Technology Corp SH7713 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 904 page
background image
Section 1 Overview and Pin Function
Rev.1.50 Aug. 30, 2006 Page 21 of 860
REJ09B0288-0150
Classification
Symbol
I/O
Name
Function
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request
pin. Fix to high when not in use.
IRQ5 to IRQ0
I
Interrupt
requests 5 to 0
Maskable interrupt request pins.
Selectable as level input or edge
input. The rising edge, falling
edge, and both edges are
selectable as edges.
IRL3 to IRL0
I
Interrupt request 15-level interrupt request pins.
Interrupts
IRQOUT
O
Interrupt request
output
Indicates that the interrupt request
is occurred.
Address bus
A25 to A0
O
Address bus
Outputs addresses.
Data bus
D31 to D0
I/O
Data bus
32-bit bidirectional bus.
CS0,
CS2 to CS4,
CS5A, CS6A,
CS5B/CE1A,
CS6B/CE1B,
CE2A, CE2B
O
Chip select 0,
2 to 4, 5A, 5B,
6A, 6B
PCMCIA card
select
Chip-select signals for external
memory or devices.
PCMCIA card select signal when
PCMCIA is used.
RD
O
Read
Indicates reading of data from
external devices.
RD/
WR
O
Read/write
Read/write signal
BS
O
Bus start
Bus-cycle start signal
WE3(BE3)/
ICIOWR
O
Byte write
Indicates that bits 31 to 24 of the
data in the external memory or
device are being written. I/O write
strobe signal when PCMCIA is
used.
WE2(BE2)/
ICIORD
O
Byte write
Indicates that bits 23 to 16 of the
data in the external memory or
device are being written. I/O read
strobe signal when PCMCIA is
used.
Bus control
WE1(BE1)/
WE
O
Byte write
Indicates that bits 15 to 8 of the
data in the external memory or
device are being written. Memory
write strobe signal when PCMCIA
is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com