| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 37 Page - Renesas Technology Corp |
|
37 / 904 page ![]() Rev.1.50 Aug. 30, 2006 Page xxxvii of xl Section 7 X/Y Memory Table 7.1 X/Y Memory Logical Addresses .......................................................................... 231 Table 7.2 MMU and Cache Settings..................................................................................... 234 Section 8 Interrupt Controller (INTC) Table 8.1 Pin Configuration.................................................................................................. 237 Table 8.2 Interrupt Exception Handling Sources and Priority (IRQ Mode) ......................... 240 Table 8.3 Interrupt Exception Handling Sources and Priority (IRL Mode).......................... 243 Table 8.4 Interrupt Level and INTEVT Code....................................................................... 245 Table 8.5 Interrupt Sources and IPRA to IPRI ..................................................................... 247 Section 9 User Break Controller Table 9.1 Specifying Break Address Register ...................................................................... 269 Table 9.2 Specifying Break Data Register............................................................................ 271 Table 9.3 Data Access Cycle Addresses and Operand Size Comparison Conditions........... 284 Section 10 Power-Down Modes Table 10.1 States of Power-Down Modes .............................................................................. 296 Table 10.2 Pin Configuration.................................................................................................. 298 Table 10.3 Register States in Software Standby Mode........................................................... 303 Section 11 On-Chip Oscillation Circuits Table 11.1 Pin Configuration.................................................................................................. 315 Table 11.2 Clock Operating Modes ........................................................................................ 315 Table 11.3 Possible Combination of Clock Mode and FRQCR Values.................................. 317 Section 12 Bus State Controller (BSC) Table 12.1 Pin Configuration.................................................................................................. 334 Table 12.2 Address Space Map 1 (CMNCR.MAP = 0).......................................................... 338 Table 12.3 Address Space Map 2 (CMNCR.MAP = 1).......................................................... 339 Table 12.4 Correspondence between External Pins (MD3 and MD4), Memory Type of CS0, and Memory Bus Width............................................................................... 340 Table 12.5 Correspondence between External Pin (MD5) and Endians ................................. 340 Table 12.6 32-Bit External Device/Big Endian Access and Data Alignment......................... 384 Table 12.7 16-Bit External Device/Big Endian Access and Data Alignment......................... 385 Table 12.8 8-Bit External Device/Big Endian Access and Data Alignment........................... 386 Table 12.9 32-Bit External Device/Little Endian Access and Data Alignment ...................... 387 Table 12.10 16-Bit External Device/Little Endian Access and Data Alignment .................. 388 Table 12.11 8-Bit External Device/Little Endian Access and Data Alignment .................... 389 Table 12.12 Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0], and Address Multiplex Output (1)-1........................................................................ 402 Table 12.12 Relationship between A2/3BSZ[1:0], A2/3ROW[1:0], A2/3COL[1:0], and Address Multiplex Output (1)-2........................................................................ 404 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |