Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 347Page - Renesas Technology Corp SH7713 Datasheet HTML 348Page - Renesas Technology Corp SH7713 Datasheet HTML 349Page - Renesas Technology Corp SH7713 Datasheet HTML 350Page - Renesas Technology Corp SH7713 Datasheet HTML 351Page - Renesas Technology Corp SH7713 Datasheet HTML 352Page - Renesas Technology Corp SH7713 Datasheet HTML 353Page - Renesas Technology Corp SH7713 Datasheet HTML 354Page - Renesas Technology Corp SH7713 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 311 of 860
REJ09B0288-0150
Section 11 On-Chip Oscillation Circuits
11.1
Overview
The oscillator consists of a clock pulse generator (CPG) block and a watchdog timer (WDT)
block.
The CPG generates clocks supplied to this LSI and controls the power-down modes.
The WDT is a single-channel timer that counts the clock settling time and is used when clearing
standby mode and temporary standbys, such as frequency changes. It can also be used as an
ordinary watchdog timer or interval timer.
11.1.1
Features
The CPG has the following features:
• Seven clock modes: Selection of seven clock modes according to the frequency range to be
used and direct connection of crystal resonator or external clock input.
• Three clocks generated independently: An internal clock (Iφ) for the CPU and cache; a
peripheral clock (P
φ) for the peripheral modules; and a bus clock (Bφ = CKIO) for the external
bus interface.
• Frequency change function: Internal and peripheral clock frequencies can be changed
independently using the PLL circuit and divider circuit within the CPG. Frequencies are
changed by software using frequency control register (FRQCR) settings.
• Power-down mode control: The clock can be stopped for sleep mode and standby mode and
specific modules can be stopped using the module standby function.
The WDT has the following features:
• Can be used to ensure the clock settling time:
Use the WDT to cancel standby mode and the temporary standbys which occur when the clock
frequency is changed.
• Can switch between watchdog timer mode and interval timer mode.
• Generates internal resets in watchdog timer mode:
Internal resets occur after counter overflow.
Selection of power-on reset or manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com