Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 400Page - Renesas Technology Corp SH7713 Datasheet HTML 401Page - Renesas Technology Corp SH7713 Datasheet HTML 402Page - Renesas Technology Corp SH7713 Datasheet HTML 403Page - Renesas Technology Corp SH7713 Datasheet HTML 404Page - Renesas Technology Corp SH7713 Datasheet HTML 405Page - Renesas Technology Corp SH7713 Datasheet HTML 406Page - Renesas Technology Corp SH7713 Datasheet HTML 407Page - Renesas Technology Corp SH7713 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 364 of 860
REJ09B0288-0150
Burst ROM (Clock Asynchronous):
• CS0WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20
BEN
0
R/W
Burst Enable Specification
Enables or disables 8-burst access for a 16-bit bus width
or 16-burst access for an 8-bit bus width during 16-byte
access. If this bit is set to 1, 2-burst access is performed
four times when the bus width is 16 bits and 4-burst
access is performed four times when the bus width is 8
bits.
To use a device that does not support 8-burst access or
16-burst access, set this bit to 1.
0: Enables 8-burst access for a 16-bit bus width and 16-
burst access for an 8-bit bus width.
1: Disables 8-burst access for a 16-bit bus width and 16-
burst access for an 8-bit bus width.
19, 18
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
17
16
BW1
BW0
0
0
R/W
R/W
Number of Burst Wait Cycles
Specify the number of wait cycles to be inserted between
the second or later access cycles in burst access.
00: 0 cycle
01: 1 cycle
10: 2 cycles
11: 3 cycles
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com