Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 407Page - Renesas Technology Corp SH7713 Datasheet HTML 408Page - Renesas Technology Corp SH7713 Datasheet HTML 409Page - Renesas Technology Corp SH7713 Datasheet HTML 410Page - Renesas Technology Corp SH7713 Datasheet HTML 411Page - Renesas Technology Corp SH7713 Datasheet HTML 412Page - Renesas Technology Corp SH7713 Datasheet HTML 413Page - Renesas Technology Corp SH7713 Datasheet HTML 414Page - Renesas Technology Corp SH7713 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 371 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4
3
TRWL1
TRWL0
0
0
R/W
R/W
Number of Wait Cycles Waiting Start of Precharge
Specify the number of minimum wait cycles to be inserted
to wait the start of precharge. The setting for areas 2 and 3
is common.
(1) This LSI is in non-bank active mode from the issue of
the WRITA command to the start of auto-precharge in
SDRAM, and issues the ACTV command for the same
bank after issuing the WRITA command.
Confirm how many cycles are required from the
reception of the WRITA command to the start of auto-
precharge in each SDRAM data sheet.
Set this bit so that the number of cycles is not above the
cycles specified by this bit.
(2) This LSI is in bank active mode from issuing the WRIT
command to issuing the PRE command, and the access
to different row address in the same bank is performed.
00: 0 cycle
01: 1 cycle
10: 2 cycles
11: 3 cycles
2
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com