Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 417Page - Renesas Technology Corp SH7713 Datasheet HTML 418Page - Renesas Technology Corp SH7713 Datasheet HTML 419Page - Renesas Technology Corp SH7713 Datasheet HTML 420Page - Renesas Technology Corp SH7713 Datasheet HTML 421Page - Renesas Technology Corp SH7713 Datasheet HTML 422Page - Renesas Technology Corp SH7713 Datasheet HTML 423Page - Renesas Technology Corp SH7713 Datasheet HTML 424Page - Renesas Technology Corp SH7713 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 381 of 860
REJ09B0288-0150
12.4.5
Refresh Timer Control/Status Register (RTCSR)
RTCSR specifies various items about refresh for SDRAM.
When RTCSR is written, the upper 16 bits of the write data must be H’A55A to cancel write
protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
CMF
0
R/W
Compare Match Flag
Indicates that a compare match occurs between the refresh
timer counter (RTCNT) and refresh time constant register
(RTCOR). This bit is set or cleared in the following
conditions.
0: Clearing condition: When 0 is written in CMF after
reading out RTCSR during CMF = 1.
1: Setting condition: When the condition RTCNT = RTCOR
is satisfied.
6
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables a CMF interrupt request when the CMF
bit of RTCSR is set to 1.
0: Disables the CMF interrupt request
1: Enables the CMF interrupt request
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select
Select the clock input to count-up the refresh timer counter
(RTCNT).
000: Stop the counting-up
001: B
φ/4
010: B
φ/16
011: B
φ/64
100: B
φ/256
101: B
φ/1024
110: B
φ/2048
111: B
φ/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com