Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 427Page - Renesas Technology Corp SH7713 Datasheet HTML 428Page - Renesas Technology Corp SH7713 Datasheet HTML 429Page - Renesas Technology Corp SH7713 Datasheet HTML 430Page - Renesas Technology Corp SH7713 Datasheet HTML 431Page - Renesas Technology Corp SH7713 Datasheet HTML 432Page - Renesas Technology Corp SH7713 Datasheet HTML 433Page - Renesas Technology Corp SH7713 Datasheet HTML 434Page - Renesas Technology Corp SH7713 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 391 of 860
REJ09B0288-0150
read in case of a 32-bit device, and 16 bits in case of a 16-bit device. When writing, only the
WEn
(
BEn) signal for the byte to be written is asserted.
It is necessary to output the data that has been read using
RD when a buffer is established in the
data bus. The RD/
WR signal is in a read state (high output) when no access has been carried out.
Therefore, care must be taken when controlling the external data buffer, to avoid collision.
Figures 12.4 and 12.5 show the basic timings of normal space accesses. If the WM bit of the
CSnWCR is cleared to 0, a Tnop cycle is inserted to evaluate the external wait (figure 12.4). If the
WM bit of the CSnWCR is set to 1, external waits are ignored and no Tnop cycle is inserted
(figure 12.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com