Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 435Page - Renesas Technology Corp SH7713 Datasheet HTML 436Page - Renesas Technology Corp SH7713 Datasheet HTML 437Page - Renesas Technology Corp SH7713 Datasheet HTML 438Page - Renesas Technology Corp SH7713 Datasheet HTML 439Page - Renesas Technology Corp SH7713 Datasheet HTML 440Page - Renesas Technology Corp SH7713 Datasheet HTML 441Page - Renesas Technology Corp SH7713 Datasheet HTML 442Page - Renesas Technology Corp SH7713 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 399 of 860
REJ09B0288-0150
12.5.5
SDRAM Interface
SDRAM Direct Connection: The SDRAM that can be connected to this LSI is a product that has
11/12/13 bits of row address, 8/9/10 bits of column address, 4 or less banks, and uses the A10 pin
for setting precharge mode in read and write command cycles.
The control signals for direct connection of SDRAM are
RAS, CAS, RD/WR, DQMUU,
DQMUL, DQMLU, DQMLL, CKE,
CS2, and CS3. All the signals other than CS2 and CS3 are
common to all areas, and signals other than CKE are valid when
CS2 or CS3 is asserted. SDRAM
can be connected to up to 2 spaces. The data bus width of the area that is connected to SDRAM
can be set to 32 or 16 bits.
Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as
the SDRAM operating mode.
Commands for SDRAM can be specified by
RAS, CAS, RD/WR, and specific address signals.
These commands are shown below.
• NOP
• Auto-refresh (REF)
• Self-refresh (SELF)
• All banks precharge (PALL)
• Specified bank precharge (PRE)
• Bank active (ACTV)
• Read (READ)
• Read with precharge (READA)
• Write (WRIT)
• Write with precharge (WRITA)
• Write mode register (MRS)
The byte to be accessed is specified by DQMUU, DQMUL, DQMLU, and DQMLL. Reading or
writing is performed for a byte whose corresponding DQMxx is low. For details on the
relationship between DQMxx and the byte to be accessed, refer to section 12.5.1, Endian/Access
Size and Data Alignment.
Figures 12.12 and 12.13 show examples of the connection of the SDRAM with the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com