Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 451Page - Renesas Technology Corp SH7713 Datasheet HTML 452Page - Renesas Technology Corp SH7713 Datasheet HTML 453Page - Renesas Technology Corp SH7713 Datasheet HTML 454Page - Renesas Technology Corp SH7713 Datasheet HTML 455Page - Renesas Technology Corp SH7713 Datasheet HTML 456Page - Renesas Technology Corp SH7713 Datasheet HTML 457Page - Renesas Technology Corp SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 415 of 860
REJ09B0288-0150
Burst Read: A burst read occurs in the following cases with this LSI.
1. Access size in reading is larger than data bus width.
2. 16-byte transfer in cache miss.
3. 16-byte transfer in DMAC or E-DMAC (access to non-cachable area)
This LSI always accesses the SDRAM with burst length 1. For example, read access of burst
length 1 is performed consecutively 4 times to read 16-byte continuous data from the SDRAM that
is connected to a 32-bit data bus.
Table 12.18 shows the relationship between the access size and the number of bursts.
Table 12.18 Relationship between Access Size and Number of Bursts
Bus Width
Access Size
Number of Bursts
8 bits
1
16 bits
1
32 bits
2
16 bits
16 bytes
8
8 bits
1
16 bits
1
32 bits
1
32 bits
16 bytes
4
Figures 12.14 and 12.15 show a timing chart in burst read. In burst read, an ACTV command is
output in the Tr cycle, the READ command is issued in the Tc1, Tc2, and Tc3 cycles, the READA
command is issued in the Tc4 cycle, and the read data is received at the rising edge of the external
clock (CKIO) in the Td1 to Td4 cycles. The Tap cycle is used to wait for the completion of an
auto-precharge induced by the READA command in the SDRAM. In the Tap cycle, a new
command will not be issued to the same bank. However, access to another CS space or another
bank in the same SDRAM space is enabled. The number of Tap cycles is specified by the TRP1
and TRP0 bits in CS3WCR.
In this LSI, wait cycles can be inserted by specifying each bit in CSnWCR to connect the SDRAM
in variable frequencies. Figure 12.15 shows an example in which wait cycles are inserted. The
number of cycles from the Tr cycle where the ACTV command is output to the Tc1 cycle where
the READA command is output can be specified using the TRCD1 and TRCD0 bits in CS3WCR.
If the TRCD1 and TRCD0 bits specify one cycle or more, a Trw cycle where the NOP command
is issued is inserted between the Tr cycle and Tc1 cycle. The number of cycles from the Tc1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com