Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7713 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 457Page - Renesas Technology Corp SH7713 Datasheet HTML 458Page - Renesas Technology Corp SH7713 Datasheet HTML 459Page - Renesas Technology Corp SH7713 Datasheet HTML 460Page - Renesas Technology Corp SH7713 Datasheet HTML 461Page - Renesas Technology Corp SH7713 Datasheet HTML 462Page - Renesas Technology Corp SH7713 Datasheet HTML 463Page - Renesas Technology Corp SH7713 Datasheet HTML 464Page - Renesas Technology Corp SH7713 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 421 of 860
REJ09B0288-0150
Single Write: A write access ends in one cycle when data is written in non-cachable region and
the data bus width is larger than or equal to access size.
Figure 12.18 shows the single write basic timing.
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tap
DACKn*2
Tr
Tc1
Trwl
A12/A11*1
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 12.18 Basic Timing for Single Write (Auto-Precharge)
Bank Active: The synchronous DRAM bank function is used to support high-speed accesses to
the same row address. When the BACTV bit in SDCR is 1, accesses are performed using
commands without auto-precharge (READ or WRIT). This function is called bank-active function.
This function is valid only for either the upper or lower bits of area 3. When area 3 is set to bank-
active mode, area 2 should be set to normal space or byte-selection SRAM. When areas 2 and 3
are both set to SDRAM, auto precharge mode must be set.
When a bank-active function is used, precharging is not performed when the access ends. When
accessing the same row address in the same bank, it is possible to issue the READ or WRIT
command immediately, without issuing an ACTV command. As synchronous DRAM is internally
divided into several banks, it is possible to activate one row address in each bank. If the next
access is to a different row address, a PRE command is first issued to precharge the relevant bank,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com